Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C027V-15AXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C027V-15AXC
Description  3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C027V-15AXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C027V-15AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CY7C027V/027AV/028V
CY7C037AV/038V
Document Number: 38-06078 Rev. *G
Page 7 of 24
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage temperature ................................ –65 °C to +150 °C
Ambient temperature with
power applied .......................................... –55 °C to +125 °C
Supply voltage to ground potential ..............–0.5 V to +4.6 V
DC voltage applied to
outputs in High Z state ........................ –0.5 V to VCC + 0.5 V
DC input voltage [8] ............................. –0.5 V to VCC + 0.5 V
Output current into outputs (LOW) ............................. 20 mA
Static discharge voltage ......................................... > 1100 V
Latch-up current ................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0 °C to +70 °C
3.3 V
 300 mV
Industrial [9]
–40 °C to +85 °C
3.3 V
 300 mV
Electrical Characteristics
Over the Operating Range
Parameter
Description
CY7C027V/027AV/028V/CY7C037AV/CY7C038V
Unit
-15
-20
-25
Min Typ Max Min Typ Max Min Typ Max
VOH
Output HIGH voltage (VCC = Min., IOH = –4.0 mA) 2.4
2.4
2.4
V
VOL
Output LOW voltage (VCC = Min., IOH = +4.0 mA)
0.4
0.4
0.4
V
VIH
Input HIGH voltage
2.2
2.2
2.2
V
VIL
Input LOW voltage
0.8
0.8
0.8
V
IIX
Input leakage current
55
55
55
A
IOZ
Output leakage current
–10
10
–10
10
–10
10
A
ICC
Operating current
(VCC = Max., IOUT = 0 mA)
outputs disabled
Commercial
125 185
120 175
115
165
mA
Industrial [9]
140 195
mA
ISB1
Standby current
(Both ports TTL level)
CEL & CER  VIH, f = fMAX
Commercial
35
50
35
45
30
40
mA
Industrial [9]
–45
55–
mA
ISB2
Standby current
(One port TTL level)
CEL | CER  VIH, f = fMAX
Commercial
80
120
75
110
65
95
mA
Industrial [9]
–85
120
mA
ISB3
Standby current
(Both ports CMOS level)
CEL & CER  VCC 0.2 V, f = 0
Commercial
10
250
10
250
10
250
A
Industrial [9]
–10
250
A
ISB4
Standby current
(One port CMOS level)
CEL | CER  VIH, f = fMAX[10]
Commercial
75
105
70
95
60
80
mA
Industrial [9]
–80
105
mA
Capacitance
Parameter [11]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = 3.3 V
10
pF
COUT
Output capacitance
10
pF
Notes
8. Pulse width < 20 ns.
9. Industrial parts are available in CY7C028V and CY7C038V, CY7C027V/027AV only.
10. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3.
11. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C027V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C027V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com