Electronic Components Datasheet Search |
|
CY7C1021BNL-15VXC Datasheet(PDF) 1 Page - Cypress Semiconductor |
|
CY7C1021BNL-15VXC Datasheet(HTML) 1 Page - Cypress Semiconductor |
1 / 14 page CY7C1021BN, CY7C10211BN 1-Mbit (64 K × 16) Static RAM Cypress Semiconductor Corporation • 198 Champion Court • San Jose , CA 95134-1709 • 408-943-2600 Document #: 001-06494 Rev. *D Revised July 26, 2011 1-Mbit (64 K × 16) Static RAM Features ■ Temperature ranges ❐ Commercial: 0 °C to 70 °C ❐ Industrial: –40 °C to 85 °C ❐ Automotive-A: –40 °C to 85 °C ❐ Automotive-E: –40 °C to 125 °C ■ High speed ❐ tAA = 15 ns (Automotive) ■ Complementary metal oxide semiconductor (CMOS) for optimum speed/power ■ Low active power ❐ 825 mW (maximum) ■ Automatic power down when deselected ■ Independent control of upper and lower bits ■ Available in Pb-free and non Pb-free 44-pin TSOP II and 44-pin 400-mil-wide SOJ Functional Description The CY7C1021BN/CY7C10211BN is a high performance CMOS static RAM organized as 65,536 words by 16 bits. This device has an automatic power down feature that significantly reduces power consumption when deselected. Writing to the device is accomplished by taking Chip Enable (CE) and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data from the input/output (I/O) pins (I/O1 through I/O8), is written into the location specified on the address pins (A0 through A15). If Byte High Enable (BHE) is LOW, then data from I/O pins (I/O9 through I/O16) is written into the location specified on the address pins (A0 through A15). Reading from the device is accomplished by taking CE and Output Enable (OE) LOW while forcing WE HIGH. If BLE is LOW, then data from the memory location specified by the address pins appears on I/O1 to I/O8. If BHE is LOW, then data from memory appears on I/O9 to I/O16. See the Truth Table on page 9 for a complete description of read and write modes. The I/O pins (I/O1 through I/O16) are placed in a high impedance state when the device is deselected (CE HIGH), the outputs are disabled (OE HIGH), the BHE and BLE are disabled (BHE, BLE HIGH), or during a write operation (CE LOW, WE LOW). The CY7C1021BN/CY7C10211BN is available in standard 44-pin TSOP type II and 44-pin 400-mil-wide SOJ packages. Use part number CY7C1021BN when ordering 15 ns tAA. 64K x 16 RAM Array I/O1–I/O8 A7 A6 A5 A4 A3 A0 Column Decoder 512 X 2048 Data In Drivers OE A2 A1 I/O9–I/O16 CE WE BLE BHE Logic Block Diagram [+] Feedback |
Similar Part No. - CY7C1021BNL-15VXC |
|
Similar Description - CY7C1021BNL-15VXC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |