Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021BNL-15ZSXA Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1021BNL-15ZSXA
Description  1-Mbit (64 K 횞 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BNL-15ZSXA Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1021BNL-15ZSXA Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BNL-15ZSXA Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BNL-15ZSXA Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BNL-15ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BNL-15ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BNL-15ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BNL-15ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BNL-15ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BNL-15ZSXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY7C1021BN, CY7C10211BN
1-Mbit (64 K × 16) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06494 Rev. *D
Revised July 26, 2011
1-Mbit (64 K × 16) Static RAM
Features
Temperature ranges
Commercial: 0 °C to 70 °C
Industrial: –40 °C to 85 °C
Automotive-A: –40 °C to 85 °C
Automotive-E: –40 °C to 125 °C
High speed
tAA = 15 ns (Automotive)
Complementary metal oxide semiconductor (CMOS) for
optimum speed/power
Low active power
825 mW (maximum)
Automatic power down when deselected
Independent control of upper and lower bits
Available in Pb-free and non Pb-free 44-pin TSOP II and 44-pin
400-mil-wide SOJ
Functional Description
The CY7C1021BN/CY7C10211BN is a high performance CMOS
static RAM organized as 65,536 words by 16 bits. This device
has an automatic power down feature that significantly reduces
power consumption when deselected.
Writing to the device is accomplished by taking Chip Enable (CE)
and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is
LOW, then data from the input/output (I/O) pins (I/O1 through
I/O8), is written into the location specified on the address pins (A0
through A15). If Byte High Enable (BHE) is LOW, then data from
I/O pins (I/O9 through I/O16) is written into the location specified
on the address pins (A0 through A15).
Reading from the device is accomplished by taking CE and
Output Enable (OE) LOW while forcing WE HIGH. If BLE is LOW,
then data from the memory location specified by the address pins
appears on I/O1 to I/O8. If BHE is LOW, then data from memory
appears on I/O9 to I/O16. See the Truth Table on page 9 for a
complete description of read and write modes.
The I/O pins (I/O1 through I/O16) are placed in a high impedance
state when the device is deselected (CE HIGH), the outputs are
disabled (OE HIGH), the BHE and BLE are disabled (BHE, BLE
HIGH), or during a write operation (CE LOW, WE LOW).
The CY7C1021BN/CY7C10211BN is available in standard
44-pin TSOP type II and 44-pin 400-mil-wide SOJ packages.
Use part number CY7C1021BN when ordering 15 ns tAA.
64K x 16
RAM Array
I/O1–I/O8
A7
A6
A5
A4
A3
A0
Column Decoder
512 X 2048
Data In Drivers
OE
A2
A1
I/O9–I/O16
CE
WE
BLE
BHE
Logic Block Diagram
[+] Feedback


Similar Part No. - CY7C1021BNL-15ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNL-15ZSXA CYPRESS-CY7C1021BNL-15ZSXA Datasheet
474Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BNL-15ZSXA CYPRESS-CY7C1021BNL-15ZSXA Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021BNL-15ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com