Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C028V-20AI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C028V-20AI
Description  3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C028V-20AI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C028V-20AI Datasheet HTML 4Page - Cypress Semiconductor CY7C028V-20AI Datasheet HTML 5Page - Cypress Semiconductor CY7C028V-20AI Datasheet HTML 6Page - Cypress Semiconductor CY7C028V-20AI Datasheet HTML 7Page - Cypress Semiconductor CY7C028V-20AI Datasheet HTML 8Page - Cypress Semiconductor CY7C028V-20AI Datasheet HTML 9Page - Cypress Semiconductor CY7C028V-20AI Datasheet HTML 10Page - Cypress Semiconductor CY7C028V-20AI Datasheet HTML 11Page - Cypress Semiconductor CY7C028V-20AI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CY7C027V/027AV/028V
CY7C037AV/038V
Document Number: 38-06078 Rev. *G
Page 8 of 24
Data Retention Mode
The CY7C027V/027AV/028V and CY7037AV/038V are de-
signed with battery backup in mind. Data retention voltage and
supply current are guaranteed over temperature. The following
rules ensure data retention:
1. Chip Enable (CE) must be held HIGH during data retention, within
VCC to VCC – 0.2 V
2. CE must be kept between VCC – 0.2 V and 70% of VCC during
the power up and power down transitions
3. The RAM can begin operation >tRC after VCC reaches the
minimum operating voltage (3.0 V)
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load 1)
R1 = 590
3.3 V
OUTPUT
R2 = 435
C= 30 pF
VTH = 1.4 V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay(Load 2)
R1 = 590
R2 = 435
3.3 V
OUTPUT
C= 5pF
RTH = 250 
including scope and jig)
(Used for tLZ, tHZ, tHZWE, & tLZWE
Timing
Parameter
Test Conditions [12]
Max
Unit
ICCDR1
At VCCDR = 2 V
50
A
Data Retention Mode
3.0 V
3.0 V
VCC 2.0 V
VCC to VCC – 0.2 V
VCC
CE
tRC
V
IH
Note
12. CE = VCC, Vin = GND to VCC, TA = 25 C. This parameter is guaranteed but not tested.


Similar Part No. - CY7C028V-20AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C028V-20AI CYPRESS-CY7C028V-20AI Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C028V-20AI CYPRESS-CY7C028V-20AI Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C028V-20AI CYPRESS-CY7C028V-20AI Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C028V-20AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com