Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C028V-20AXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C028V-20AXI
Description  3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C028V-20AXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C028V-20AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C028V-20AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C028V-20AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C028V-20AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C028V-20AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C028V-20AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C028V-20AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C028V-20AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C028V-20AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CY7C027V/027AV/028V
CY7C037AV/038V
Document Number: 38-06078 Rev. *G
Page 3 of 24
Pin Configurations
Figure 1. 100-pin TQFP pinout (Top View)
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
A9R
A10R
A11R
A12R
A13R
A14R
UBR
NC
LBR
CE1R
SEMR
OER
GND
NC
A15R
GND
R/WR
GND
I/O15R
I/O14R
I/O13R
I/O12R
I/O11R
I/O10R
CE0R
58
57
56
55
54
53
52
51
CY7C027V/027AV (32 K × 16)
A9L
A10L
A11L
A12L
A13L
A14L
UBL
NC
LBL
CE1L
SEML
OEL
GND
NC
A15L
VCC
R/WL
GND
I/O15L
I/O14L
I/O13L
I/O12L
I/O11L
I/O10L
CE0L
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CY7C028V (64 K × 16)
[6]
[6]
Note
6. This pin is NC for CY7C027V/027AV.


Similar Part No. - CY7C028V-20AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C028V-20AXI CYPRESS-CY7C028V-20AXI Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C028V-20AXI CYPRESS-CY7C028V-20AXI Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C028V-20AXI CYPRESS-CY7C028V-20AXI Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C028V-20AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com