Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68013A-56LFXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C68013A-56LFXC
Description  EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68013A-56LFXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C68013A-56LFXC Datasheet HTML 1Page - Cypress Semiconductor CY7C68013A-56LFXC Datasheet HTML 2Page - Cypress Semiconductor CY7C68013A-56LFXC Datasheet HTML 3Page - Cypress Semiconductor CY7C68013A-56LFXC Datasheet HTML 4Page - Cypress Semiconductor CY7C68013A-56LFXC Datasheet HTML 5Page - Cypress Semiconductor CY7C68013A-56LFXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68013A-56LFXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68013A-56LFXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68013A-56LFXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
CY7C68013A, CY7C68014A
CY7C68015A, CY7C68016A
Document #: 38-08032 Rev. *M
Page 3 of 62
2. Applications
Portable video recorder
MPEG/TV conversion
DSL modems
ATA interface
Memory card readers
Legacy conversion devices
Cameras
Scanners
Home PNA
Wireless LAN
MP3 players
Networking
The “Reference Designs” section of the Cypress web site
provides additional tools for typical USB 2.0 applications. Each
reference design comes complete with firmware source and
object
code,
schematics,
and
documentation.
Visit
www.cypress.com for more information.
3. Functional Overview
3.1 USB Signaling Speed
FX2LP operates at two of the three rates defined in the USB
Specification Revision 2.0, dated April 27, 2000:
Full speed, with a signaling bit rate of 12 Mbps
High speed, with a signaling bit rate of 480 Mbps.
FX2LP does not support the low speed signaling mode of
1.5 Mbps.
3.2 8051 Microprocessor
The 8051 microprocessor embedded in the FX2LP family has
256 bytes of register RAM, an expanded interrupt system, three
timer/counters, and two USARTs.
3.2.1 8051 Clock Frequency
FX2LP has an on-chip oscillator circuit that uses an external
24 MHz (±100 ppm) crystal with the following characteristics:
Parallel resonant
Fundamental mode
500 μW drive level
12 pF (5% tolerance) load capacitors
An on-chip PLL multiplies the 24 MHz oscillator up to 480 MHz,
as required by the transceiver/PHY and internal counters divide
it down for use as the 8051 clock. The default 8051 clock
frequency is 12 MHz. The clock frequency of the 8051 can be
changed by the 8051 through the CPUCS register, dynamically.
The CLKOUT pin, which can be three-stated and inverted using
internal control bits, outputs the 50% duty cycle 8051 clock, at
the selected 8051 clock frequency: 48 MHz, 24 MHz, or 12 MHz.
3.2.2 USARTS
FX2LP contains two standard 8051 USARTs, addressed through
Special Function Register (SFR) bits. The USART interface pins
are available on separate I/O pins, and are not multiplexed with
port pins.
UART0 and UART1 can operate using an internal clock at
230 KBaud with no more than 1% baud rate error. 230 KBaud
operation is achieved by an internally derived clock source that
generates overflow pulses at the appropriate time. The internal
clock adjusts for the 8051 clock rate (48 MHz, 24 MHz, and
12 MHz) such that it always presents the correct frequency for
230 KBaud operation.[1]
3.2.3 Special Function Registers
Certain 8051 SFR addresses are populated to provide fast
access to critical FX2LP functions. These SFR additions are
shown in Table 1 on page 4. Bold type indicates non standard,
enhanced 8051 registers. The two SFR rows that end with “0”
and “8” contain bit addressable registers. The four I/O ports A to
D use the SFR addresses used in the standard 8051 for ports 0
to 3, which are not implemented in FX2LP. Because of the faster
and more efficient SFR addressing, the FX2LP I/O ports are not
addressable in external RAM space (using the MOVX
instruction).
3.3 I2C Bus
FX2LP supports the I2C bus as a master only at 100/400 KHz.
SCL and SDA pins have open-drain outputs and hysteresis
inputs. These signals must be pulled up to 3.3V, even if no I2C
device is connected.
3.4 Buses
All packages, 8-bit or 16-bit “FIFO” bidirectional data bus, multi-
plexed on I/O ports B and D. 128-pin package: adds 16-bit
output-only 8051 address bus, 8-bit bidirectional data bus.
Figure 1. Crystal Configuration
12 pf
12 pf
24 MHz
20 × PLL
C1
C2
12-pF capacitor values assumes a trace capacitance
of 3 pF per side on a four-layer FR4 PCA
Note
1. 115 KBaud operation is also possible by programming the 8051 SMOD0 or SMOD1 bits to a “1” for UART0, UART1, or both respectively.
[+] Feedback


Similar Part No. - CY7C68013A-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A-56LFXC CYPRESS-CY7C68013A-56LFXC Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A-56LFXC CYPRESS-CY7C68013A-56LFXC Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
CY7C68013A-56LFXC CYPRESS-CY7C68013A-56LFXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A-56LFXC CYPRESS-CY7C68013A-56LFXC Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A-56LFXC CYPRESS-CY7C68013A-56LFXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
More results

Similar Description - CY7C68013A-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_08 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C6471314 CYPRESS-CY7C6471314 Datasheet
758Kb / 50P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713_11 Datasheet
1Mb / 72P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com