Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF16N50UT Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDPF16N50UT
Description  R DS(on) = 370 m廓 ( Typ.) @ VGS = 10 V, ID = 7.5 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF16N50UT Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDPF16N50UT Datasheet HTML 1Page - Fairchild Semiconductor FDPF16N50UT Datasheet HTML 2Page - Fairchild Semiconductor FDPF16N50UT Datasheet HTML 3Page - Fairchild Semiconductor FDPF16N50UT Datasheet HTML 4Page - Fairchild Semiconductor FDPF16N50UT Datasheet HTML 5Page - Fairchild Semiconductor FDPF16N50UT Datasheet HTML 6Page - Fairchild Semiconductor FDPF16N50UT Datasheet HTML 7Page - Fairchild Semiconductor FDPF16N50UT Datasheet HTML 8Page - Fairchild Semiconductor FDPF16N50UT Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
©2009 Fairchild Semiconductor Corporation
FDP16N50U / FDPF16N50UT Rev.
C0
www.fairchildsemi.com


Similar Part No. - FDPF16N50UT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF16N50UT FAIRCHILD-FDPF16N50UT Datasheet
826Kb / 9P
   N-Channel UniFETTM Ultra FRFET MOSFET
logo
Inchange Semiconductor ...
FDPF16N50UT ISC-FDPF16N50UT Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF16N50UT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86252 FAIRCHILD-FDMS86252 Datasheet
268Kb / 7P
   Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
   Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
FDMA1430JP FAIRCHILD-FDMA1430JP Datasheet
222Kb / 8P
   Max rDS(on) = 90 m廓 at VGS = -4.5 V, ID = -2.9 A
BSS84-NL FAIRCHILD-BSS84-NL Datasheet
144Kb / 5P
   ??.13A, ??0V. RDS(ON) = 10廓 @ VGS = ?? V
FQA13N80-F109 FAIRCHILD-FQA13N80-F109 Datasheet
1Mb / 8P
   12.6 A, 800 V, RDS(on) = 750 m廓 (Max.) @ VGS = 10 VID = 6.8 A
FQB34P10TM-F085 FAIRCHILD-FQB34P10TM-F085 Datasheet
1Mb / 8P
   -33.5A, -100V, RDS(on) = 0.06廓 @VGS = -10 V
logo
Texas Instruments
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
logo
Texas Instruments
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com