Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH40N60UFDTU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FGH40N60UFDTU
Description  High Current Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH40N60UFDTU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FGH40N60UFDTU Datasheet HTML 1Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 2Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 3Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 4Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 5Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 6Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 7Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 8Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2008 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FGH40N60UFD Rev. C0
Package Marking and Ordering Information
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Device Marking
Device
Package
Packaging
Type
Qty per Tube
Max Qty
per Box
FGH40N60UFD
FGH40N60UFDTU
TO-247
Tube
30ea
-
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Off Characteristics
BVCES
Collector to Emitter Breakdown Voltage
VGE = 0V, IC = 250A
600
-
-
V
BV
CES
T
J
Temperature Coefficient of Breakdown
Voltage
VGE = 0V, IC = 250A
-0.6
-
V/oC
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
-
-
250
A
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
-
-
±400
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 250A, VCE = VGE
4.0
5.0
6.5
V
VCE(sat)
Collector to Emitter Saturation Voltage
IC = 40A, VGE = 15V
-1.8
2.4
V
IC = 40A, VGE = 15V,
TC = 125
oC
-2.0
-
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
-2110
-
pF
Coes
Output Capacitance
-
200
-
pF
Cres
Reverse Transfer Capacitance
-
60
-
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 400V, IC = 40A,
RG = 10, VGE = 15V,
Inductive Load, TC = 25
oC
-24
-
ns
tr
Rise Time
-
44
-
ns
td(off)
Turn-Off Delay Time
-
112
-
ns
tf
Fall Time
-
30
60
ns
Eon
Turn-On Switching Loss
-
1.19
-
mJ
Eoff
Turn-Off Switching Loss
-
0.46
-
mJ
Ets
Total Switching Loss
-
1.65
-
mJ
td(on)
Turn-On Delay Time
VCC = 400V, IC = 40A,
RG = 10, VGE = 15V,
Inductive Load, TC = 125
oC
-24
-
ns
tr
Rise Time
-
45
-
ns
td(off)
Turn-Off Delay Time
-
120
-
ns
tf
Fall Time
-
40
-
ns
Eon
Turn-On Switching Loss
-
1.2
-
mJ
Eoff
Turn-Off Switching Loss
-
0.69
-
mJ
Ets
Total Switching Loss
-
1.89
-
mJ
Qg
Total Gate Charge
VCE = 400V, IC = 40A,
VGE = 15V
-
120
-
nC
Qge
Gate to Emitter Charge
-
14
-
nC
Qgc
Gate to Collector Charge
-
58
-
nC


Similar Part No. - FGH40N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60UFDTU FAIRCHILD-FGH40N60UFDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FGH40N60UFDTU-SN00006 FAIRCHILD-FGH40N60UFDTU-SN00006 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FGH40N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Vishay Siliconix
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF Datasheet
235Kb / 8P
   High current capability
Revision: 05-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com