Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF7N20 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQPF7N20
Description  200V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF7N20 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQPF7N20 Datasheet HTML 1Page - Fairchild Semiconductor FQPF7N20 Datasheet HTML 2Page - Fairchild Semiconductor FQPF7N20 Datasheet HTML 3Page - Fairchild Semiconductor FQPF7N20 Datasheet HTML 4Page - Fairchild Semiconductor FQPF7N20 Datasheet HTML 5Page - Fairchild Semiconductor FQPF7N20 Datasheet HTML 6Page - Fairchild Semiconductor FQPF7N20 Datasheet HTML 7Page - Fairchild Semiconductor FQPF7N20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
  


 ?    #
"B!   ?




)


G



 !
"

#$%&G



 '(
 ')
 '*
+$%
$+,%
-
.

%6,E62<6H,,<<,+<E<,6;E%I<E%;<@6EHH,E<,6<%J
:,HE<,<66:,+<,<26%C626JH6,<6; %6,E62<%H<%J
26%C626J%,66;HE<%::26%6,H<%J:,H,6,H6<,6C<E<,<6K
<6E<,<6+<J%J26<<H<,6:%<,6;E,E<,6;EE<,

%6,E62 :,H %,<  %HE,6D< , H< % ,66%2 :< 6 26< H::,
<+6< , J< @6EH E< <L:,< @,6< %::,+%2  %6,E62 <6H,
6<,%6%2
%M
1 2! ! 
 34  "
3"4 3 4 
    
!   "   " "  B  
  N
) %     
!          "
" B    
!   !

     !"
   !"
#"#
 !
%! 6
!6

   
 !     
 
: 
: 
  
  ""  
    !?
 !

6 
 : 
       
  !? 
 !
" 
6: 
    
" "    
  


Similar Part No. - FQPF7N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQPF7N20 ISC-FQPF7N20 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF7N20L ISC-FQPF7N20L Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQPF7N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com