Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-DC0-A Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XS2F-D421-DC0-A
Description  Line of Long-distance Photoelectric Sensors for Large Workpieces Includes Retroreflective Models with Sensing Distance of 10 m and Distance Settings Up to 2 m.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-DC0-A Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XS2F-D421-DC0-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 9Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
E3G
6
Relay Output
Note: Td1, Td2: Delay time (0 to 5 s)
T1: A period longer than the delay time.
T2: A period shorter than the delay time.
* For ON- and OFF-delay timers, Td1 and Td2 are independently variable.
Plug (Sensor I/O Connector)
Timer
func-
tion
Model
Timing charts
Operation
selector
Output circuit
None
E3G
-MR19
E3G
-ML79
L side
(L-ON)
D side
(D-ON)
Yes
E3G
-MR19T
E3G
-ML79T
L side
(L-ON)
D side
(D-ON)
Incident light
No incident light
ON
OFF
ON
OFF
Operation
indicator
(orange)
Ta
1
2
3
4
5
Tc
Ta
Contact output
(G6C Relay built in)
24 to 240 VAC or
12 to 240 VDC
(no polarity restriction)
Tb
Power
supply
Photo-
electric
Sensor
main
circuit
Incident light
No incident light
ON
OFF
ON
OFF
Operation
indicator
(orange)
Ta
Incident light
No incident light
ON
OFF
ON
OFF
ON-delay*
OFF-delay*
Td1
Td2
Td2
Td2
Td1
T1
T1
T1
T2
T1
T2 T2
T1
T2 T2
T1
Td2
Td1
T1
T1
T1
T2
T1
T2 T2
T1
T2 T2
T1
Td1
Td2
Td1
Incident light
No incident light
ON
OFF
ON
OFF
ON-delay*
OFF-delay*
Note: Pin 2 is not used.
Classifi-
cation
Wire
color
Connector
pin No.
Application
DC
Brown
1
Power supply (+V)
---
2
---
Blue
3
Power supply (0 V)
Black
4
Output
2
4
13
1
2
3
4
Brown
Blue
Black
Pin No.
Wire color
XS2F-D421-DC0-A
XS2F-D421-GC0-A
XS2F-D422-DC0-A
XS2F-D422-GC0-A


Similar Part No. - XS2F-D421-DC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
349Kb / 7P
   Ideal for Detecting Transparent Glass and Plastic Containers
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - XS2F-D421-DC0-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com