Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-GC0-A Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # XS2F-D421-GC0-A
Description  Line of Long-distance Photoelectric Sensors for Large Workpieces Includes Retroreflective Models with Sensing Distance of 10 m and Distance Settings Up to 2 m.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-GC0-A Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button XS2F-D421-GC0-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 9Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 10Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 11Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 12Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
E3G
9
● Wiring
• The cable with an external diameter of 6 to 8 mm is recommended.
• Be sure to attach the cover with screws securely in order to
maintain the water- and dust-resistive properties of the product.
The size of the conduit opening is PF1/2 in accordance with JIS
B0202.
• Do not tighten the Terminal Protection Cover with wires pinched
between the Sensor and the cover in order to maintain the water-
and dust-resistive properties of the product.
• Changing to Side-pullout Cable from Vertical-pullout Cable
● Designing
Load Relay Contact
If E3G is connected to a load with contacts that spark when the load
is turned OFF (e.g., a contactor or valve), the normally-closed side
may be turned ON before the normally-open side is turned OFF or
vice-versa. If both normally-open output and normally-closed output
are used simultaneously, apply an surge suppressor to the load.
Refer to OMRON’s PCB Relays Catalog (X33) for typical examples of
surge suppressors.
● Wiring
Connecting and Wiring
The E3G has a built-in function to protect the E3G from load
shortcircuiting. If load shortcircuiting results, the output will be turned
OFF. In that case, check the wiring and turn ON the E3G again so that
the short-circuit protection circuit will be reset. This function will
operate if the output current flow is at least 2.0 times the rated load
current. If a capacitive load is connected to the E3G, make sure that
the inrush current does not exceed 1.2 times the rated load current.
● Mounting
Mounting Conditions
• If Sensors are mounted face-to-face, make sure that no optical
axes cross each other. Otherwise, mutual interference may result.
• Be sure to install the Sensor carefully so that the directional angle
range of the Sensor will not be directly exposed to intensive light,
such as sunlight, fluorescent light, or incandescent light.
• Do not strike the Photoelectric Sensor with a hammer or any other
tool during the installation of the Sensor, or the Sensor will loose its
water-resistive properties.
• Use M4 screws to mount the Sensor.
• When mounting the case, make sure that the tightening torque
applied to each screw does not exceed 1.2 N·m.
● Water Resistance
Tighten the operation cover screws and terminal block cover screws
to a torque of 0.3 to 0.5 N·m in order to ensure water resistivity.
E3G-M
@(T)
Proce-
dure
Operation
1
Remove the present cover.
2
Attach the E39-L129 Terminal Protection Cover for side-
pullout cable.
3
Remove the clamping nut, washer, and rubber bushing of
the E3G. These are used for the side-pullout cable.
4
Attach the rubber bushing and cap provided with the
E39-L129 to the E3G as replacements.
33 mm
63 mm
Output
2Ta
3Tb
1Tc
Power supply
4
5
Rubber bushing*
Terminal protection cover
Washer*
Clamping nut*
*Not provided with UL-compliant (-US) models.
Recommended Example
4
1
2
2
3
Rubber bushing
E39-L129 Terminal
Protection Cover
Washer
Rubber bushing*
Cap*
Clamping nut
*Provided with the E39-L129.
All E3G Models


Similar Part No. - XS2F-D421-GC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
349Kb / 7P
   Ideal for Detecting Transparent Glass and Plastic Containers
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
557Kb / 11P
   Transparent Object Detection Sensor
More results

Similar Description - XS2F-D421-GC0-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com