Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-GC0-A Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XS2F-D421-GC0-A
Description  Line of Long-distance Photoelectric Sensors for Large Workpieces Includes Retroreflective Models with Sensing Distance of 10 m and Distance Settings Up to 2 m.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-GC0-A Datasheet(HTML) 3 Page - Omron Electronics LLC

  XS2F-D421-GC0-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
E3G
3
Ratings and Specifications
*1. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*2. Mounting Brackets are sold separately.
Sensing method
Retro-reflective (with MSR function)
Distance-setting
Item
Model
E3G-R13
E3G-R17
E3G-MR19
E3G-MR19T
E3G-L73
E3G-L77
E3G-ML79
E3G-ML79T
Sensing distance
10 m (500 mm)*1 (when using E39-R2)
White paper (300 x 300 mm): 0.2 to 2 m
Setting distance
---
White paper (300 x 300 mm): 0.5 to 2 m
Standard
sensing object
Opaque: 80-mm dia. min.
---
Differential travel
(typical)
---
10% of setting distance
Directional angle
Sensor: 1
° to 5°
---
Reflectivity char-
acteristics (black/
white error)
---
±10% max. (at 1-m sensing distance)
Light source
(wavelength)
Red LED (650 nm)
Infrared LED (860 nm)
Spot size
---
70 dia. max. (at 1-m sensing distance)
Power supply
voltage
10 to 30 VDC,
ripple (p-p): 10%
12 to 240 VDC
±10%,
ripple (p-p): 10% max.
24 to 240 VAC
±10% at 50/
60 Hz
10 to 30 VDC,
ripple (p-p): 10% (p-p)
12 to 240 VDC
±10%,
ripple (p-p): 10% max.
24 to 240 VAC
±10% at 50/
60 Hz
Current/Power
consumption
50 mA max.
2 W max.
60 mA max.
2 W max.
Control output
Load power supply voltage:
30 VDC max.
Load current: 100 mA max.
Residual voltage:
NPN output: 1.2 V max.
PNP output: 2.0 V max.
Open collector output
(NPN/PNP selectable)
L.ON/D.ON selectable
Relay output: SPDT, 3 A
(cos
φ= 1) max. at 250 VAC or
3 A max. at 30 VDC
L.ON/D.ON selectable
Load power supply voltage:
30 VDC max.
Load current: 100 mA max.
Residual voltage:
NPN output: 1.2 V max.
PNP output: 2.0 V max.
Open collector output
(NPN/PNP selectable)
L.ON/D.ON selectable
Relay output: SPDT, 3 A
(cos
φ= 1) max. at 250 VAC or
3 A max. at 30 VDC
L.ON/D.ON selectable
Life
expect-
ancy
(relay
output)
Me-
chani-
cal
---
50,000,000 operations min.
(switching frequency: 18,000
operations/h)
---
50,000,000 operations min.
(switching frequency: 18,000
operations/h)
Electri-
cal
---
100,000 operations min.
(switching frequency: 1,800
operations/h)
---
100,000 operations min.
(switching frequency: 1,800
operations/h)
Protection
circuits
Power supply reverse polarity
protection, Output short-circuit
protection, Mutual interfer-
ence prevention
Mutual interference preven-
tion
Power supply reverse polarity
protection, Output short-circuit
protection, Mutual interfer-
ence prevention
Mutual interference preven-
tion
Response time
Operate or reset: 1 ms
Operate or reset: 30 ms max.
Operate or reset: 5 ms
Operate or reset: 30 ms max.
Sensitivity
adjustment
One-turn adjuster
Teaching (in NORMAL or ZONE mode)
Timer function
---
ON- or OFF-
delay: 0 to 5 s
(adjustable)
---
ON- or OFF-
delay: 0 to 5 s
(adjustable)
Ambient
illumination
(Receiver side)
Incandescent lamp: 3,000 lx max.
Sunlight: 10,000 lx max.
Ambient tempera-
ture range
Operating:
−25° to 55°C, Storage: −30° to 70°C (with no icing or condensation)
Ambient humidity
range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation
resistance
20 M
Ω min. at 500 VDC
Dielectric
strength
1,000 VAC, 50/60 Hz for 1 min
2,000 VAC, 50/60 Hz for
1 min.
1,000 VAC, 50/60 Hz for 1 min
2,000 VAC, 50/60 Hz for
1 min.
Vibration
resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 3 times each in X, Y, and Z directions
Degree of
protection
IEC 60529 IP67 (with protective cover)
Connection
method
Pre-wired
(Standard
length: 2 m)
Connector
(M12)
Terminal block
Pre-wired
(Standard
length: 2 m)
Connector
(M12)
Terminal block
Weight
(packed state)
Approx. 150 g Approx. 50 g
Approx. 150 g
Approx. 50 g
Approx. 150 g
Mate-
rial
Case
PBT (polybutylene terephthalate)
Lens
Mechacrylic resin
Accessories *2
Reflector, Adjustment screwdriver, and Instruction manual
Adjustment screwdriver and Instruction manual


Similar Part No. - XS2F-D421-GC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
349Kb / 7P
   Ideal for Detecting Transparent Glass and Plastic Containers
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
557Kb / 11P
   Transparent Object Detection Sensor
More results

Similar Description - XS2F-D421-GC0-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com