Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6K-2F-Y-DC12 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G6K-2F-Y-DC12
Description  Low Signal Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2F-Y-DC12 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G6K-2F-Y-DC12 Datasheet HTML 2Page - Omron Electronics LLC G6K-2F-Y-DC12 Datasheet HTML 3Page - Omron Electronics LLC G6K-2F-Y-DC12 Datasheet HTML 4Page - Omron Electronics LLC G6K-2F-Y-DC12 Datasheet HTML 5Page - Omron Electronics LLC G6K-2F-Y-DC12 Datasheet HTML 6Page - Omron Electronics LLC G6K-2F-Y-DC12 Datasheet HTML 7Page - Omron Electronics LLC G6K-2F-Y-DC12 Datasheet HTML 8Page - Omron Electronics LLC G6K-2F-Y-DC12 Datasheet HTML 9Page - Omron Electronics LLC G6K-2F-Y-DC12 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Low Signal Relay
G6K
59
■ Packaging Information
Relays in tube packing are arranged so that the orientation mark of each Relay is on the left side.
Be sure to reference Relay orientation when mounting the Relay to the PCB.
Tube length: 520 mm (stopper not included)
No. of Relays per Tube: 50
■ Tape and Reel Dimensions (Surface Mount Models)
• Tape type: ETX7200 (EIAJ - Electronic Industrial Association of Japan)
• Reel type: RPM-16D (EIAJ, 330 mm diameter)
• Relays per reel: 900
Tube packing
Standard nomenclature
50 pcs per anti-static tube
Tape packing
(SMT versions, only)
When ordering, add “TR” before the rated coil voltage (e.g., G6K-2G-TR-DC5).
Note: TR is not part of the relay model number and will not be marked on the relay.
900 pcs per reel
2 reels per box
Order in box multiples
(see details below)
Stopper (gray)
Orientation of Relays
Stopper (green)
1. Direction of Relay Insertion
2. Reel Dimensions
3. Carrier Tape Dimensions
Top tape
(cover tape)
Carrier tape
Orientation mark
Pulling
direction
G6K-2F, G6K-2F-Y, G6KU-2F-Y
G6K-2G, G6K-2G-Y, G6KU-2G-Y
Emboss
tape
*5.8
*G6K(U)-2G-Y; Effective as of our production in April, 2013
G6K-2G; Effective as of our production in July, 2013


Similar Part No. - G6K-2F-Y-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F-Y-DC5 OMRON-G6K-2F-Y-DC5 Datasheet
1Mb / 10P
   Low Signal Relay G6K
More results

Similar Description - G6K-2F-Y-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com