Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC573WM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC573WM
Description  Typical propagation delay: 18 ns
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC573WM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC573WM Datasheet HTML 1Page - Fairchild Semiconductor MM74HC573WM Datasheet HTML 2Page - Fairchild Semiconductor MM74HC573WM Datasheet HTML 3Page - Fairchild Semiconductor MM74HC573WM Datasheet HTML 4Page - Fairchild Semiconductor MM74HC573WM Datasheet HTML 5Page - Fairchild Semiconductor MM74HC573WM Datasheet HTML 6Page - Fairchild Semiconductor MM74HC573WM Datasheet HTML 7Page - Fairchild Semiconductor MM74HC573WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005212
www.fairchildsemi.com
September 1983
Revised May 2005
MM74HC573
3-STATE Octal D-Type Latch
General Description
The MM74HC573 high speed octal D-type latches utilize
advanced silicon-gate P-well CMOS technology. They pos-
sess the high noise immunity and low power consumption
of standard CMOS integrated circuits, as well as the ability
to drive 15 LS-TTL loads. Due to the large output drive
capability and the 3-STATE feature, these devices are ide-
ally suited for interfacing with bus lines in a bus organized
system.
When the LATCH ENABLE(LE) input is HIGH, the Q out-
puts will follow the D inputs. When the LATCH ENABLE
goes LOW, data at the D inputs will be retained at the out-
puts until LATCH ENABLE returns HIGH again. When a
HIGH logic level is applied to the OUTPUT CONTROL OC
input, all outputs go to a HIGH impedance state, regardless
of what signals are present at the other inputs and the state
of the storage elements.
The 74HC logic family is speed, function and pinout com-
patible with the standard 74LS logic family. All inputs are
protected from damage due to static discharge by internal
diode clamps to VCC and ground.
Features
s Typical propagation delay: 18 ns
s Wide operating voltage range: 2 to 6 volts
s Low input current: 1
PA maximum
s Low quiescent current: 80
PA maximum (74HC Series)
s Compatible with bus-oriented systems
s Output drive capability: 15 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Truth Table
H
HIGH Level
L
LOW Level
Q0
Level of output before steady-state input conditions were established.
Z
High Impedance
X
Don't Care
Order Number
Package Number
Package Description
MM74HC573WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HC573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC573MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC573N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Output
Latch
Data
Output
Control
Enable
L
HHH
LH
L
L
LL
X
Q0
HX
X
Z


Similar Part No. - MM74HC573WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
103Kb / 8P
   3-STATE Octal D-Type Latch
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
   3-STATE Octal D-Type Latch
logo
ON Semiconductor
MM74HC573WM ONSEMI-MM74HC573WM Datasheet
209Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC573WMX FAIRCHILD-MM74HC573WMX Datasheet
104Kb / 8P
   3-STATE Octal D-Type Latch
More results

Similar Description - MM74HC573WM

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
74HC123A ROCHESTER-74HC123A Datasheet
443Kb / 4P
   Dual Retriggerable Monostable Multivibrator Typical propagation delay: 25 ns
logo
Maxim Integrated Produc...
USB2GPIOISO MAXIM-USB2GPIOISO Datasheet
1Mb / 8P
   Low Propagation Delay 10ns, Typical
Rev 0; 4/18
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com