Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5LE-1-ASI Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G5LE-1-ASI
Description  A Cubic, Single-pole 10-A Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-1-ASI Datasheet(HTML) 5 Page - Omron Electronics LLC

  G5LE-1-ASI Datasheet HTML 1Page - Omron Electronics LLC G5LE-1-ASI Datasheet HTML 2Page - Omron Electronics LLC G5LE-1-ASI Datasheet HTML 3Page - Omron Electronics LLC G5LE-1-ASI Datasheet HTML 4Page - Omron Electronics LLC G5LE-1-ASI Datasheet HTML 5Page - Omron Electronics LLC G5LE-1-ASI Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PCB Relay
G5LE
195
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Orientation marks are indicated as follows:
G5LE-14
G5LE-1A4
22.5 max.
(21.6)*
16.5 max.
(15.6)*
19.0 max.
(18.5)*
0.5
3.5
0.2
1
1.2
0.4
Terminal
Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
SPDT
Tolerance:
±0.1 mm
unless specified
SPDT
12.2
12
2
(2.55)
(2.25)
Five, 1.3
dia. holes
+0.2
0
(5.75)
(2.25)
1
2
5
3
4
G5LE-1
G5LE-1A
*Average value
22.5 max.
(21.6)*
19.0 max.
(18.5)*
0.5
3.5
0.2
1
16.5 max.
(15.6)*
1.2
0.4
Terminal
Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
SPST-NO
Tolerance:
±0.1 mm
unless specified
1
2
5
3
*Average value
SPST-NO
12.2
12
2
(2.55)
(2.25)
(5.75)
Four, 1.3
dia. holes
+0.2
0
(2.25)


Similar Part No. - G5LE-1-ASI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-1-ASI OMRON-G5LE-1-ASI Datasheet
116Kb / 5P
   PCB Relay
G5LE-1-ASI OMRON-G5LE-1-ASI Datasheet
154Kb / 5P
   ACUBIC, SINGLE-POLE 10-A POWER RELAY
G5LE-1-ASI OMRON-G5LE-1-ASI Datasheet
828Kb / 8P
   PCB Relay
G5LE-1-ASI OMRON-G5LE-1-ASI Datasheet
96Kb / 3P
   PCB Relay
G5LE-1-ASI-CF OMRON-G5LE-1-ASI-CF Datasheet
828Kb / 8P
   PCB Relay
More results

Similar Description - G5LE-1-ASI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA14DC12 OMRON-G5LA14DC12 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-1-DC5 OMRON-G5LA-1-DC5 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA-14-DC24 OMRON-G5LA-14-DC24 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_97 Datasheet
154Kb / 5P
   ACUBIC, SINGLE-POLE 10-A POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com