Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X5F1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2E-X5F1
Description  A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X5F1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2E-X5F1 Datasheet HTML 1Page - Omron Electronics LLC E2E-X5F1 Datasheet HTML 2Page - Omron Electronics LLC E2E-X5F1 Datasheet HTML 3Page - Omron Electronics LLC E2E-X5F1 Datasheet HTML 4Page - Omron Electronics LLC E2E-X5F1 Datasheet HTML 5Page - Omron Electronics LLC E2E-X5F1 Datasheet HTML 6Page - Omron Electronics LLC E2E-X5F1 Datasheet HTML 7Page - Omron Electronics LLC E2E-X5F1 Datasheet HTML 8Page - Omron Electronics LLC E2E-X5F1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
E2E/E2E2 Cylindrical Proximity Sensor
1
Cylindrical Proximity Sensor
E2E/E2E2
A New Series of Easy-to-use
and Tough E2E/E2E2 Models
Long-size E2E2 Proximity Sen-
sor Conforms to CENELEC
• Ideal for a variety of applications.
• With a metal connector that can be tightened
securely and a cable protector.
• With an easy-to-see indicator, deeper mounting
holes, and tightening flats for wrenches.
• New 3-dia. size (sensing distance: 0.6 mm) added to
the lineup.
<READ AND UNDERSTAND THIS CATALOG>
Please read and understand this catalog before purchasing
the products. Please consult your OMRON representative if
you have any questions or comments.
Ordering Information
E2E
DC 2-wire/Pre-wired Models
Note 1. In addition to the above models, E2E-X
@@15 models (e.g., E2E-X3D15-N), which are different in frequency from the above models, are
available.
2. E2E models with a robotics cable are available as well. The model number of a model with a robotics cable has the suffix “-R”
(e.g., E2E-X3D1-R).
3. Cables with a length of 5 m are also available. Specify the cable length at the end of the model number (e.g., E2E-X3D1-N 5M).
Self-diagnostic
output function
Size
Sensing distance
Model
NO
NC
Yes
Shielded
M12
3 mm
E2E-X3D1S (See note 1.)
---
M18
7 mm
E2E-X7D1S (See note 1.)
---
M30
10 mm
E2E-X10D1S (See note 1.)
---
Unshielded
M12
8 mm
E2E-X8MD1S (See note 1.)
---
M18
14 mm
E2E-X14MD1S (See note 1.)
---
M30
20 mm
E2E-X20MD1S (See note 1.)
---
No
Shielded
M8
2 mm
E2E-X2D1-N (See notes 2 and 3.)
E2E-X2D2-N (See note 3.)
M12
3 mm
E2E-X3D1-N (See notes 1, 2 and 3.)
E2E-X3D2-N (See note 3.)
M18
7 mm
E2E-X7D1-N (See notes 1, 2 and 3.)
E2E-X7D2-N (See note 3.)
M30
10 mm
E2E-X10D1-N (See notes 1, 2 and 3.) E2E-X10D2-N
Unshielded
M8
4 mm
E2E-X4MD1 (See notes 2 and 3.)
E2E-X4MD2
M12
8 mm
E2E-X8MD1 (See notes 1, 2 and 3.)
E2E-X8MD2
M18
14 mm
E2E-X14MD1 (See notes 1, 2 and 3.)
E2E-X14MD2
M30
20 mm
E2E-X20MD1 (See notes 1, 2 and 3.
E2E-X20MD2


Similar Part No. - E2E-X5F1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X5F1 OMRON-E2E-X5F1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X5F1-M1 OMRON-E2E-X5F1-M1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X5F1-M1-N OMRON-E2E-X5F1-M1-N Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
More results

Similar Description - E2E-X5F1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10ME1 OMRON-E2E-X10ME1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X5ME2-M1 OMRON-E2E-X5ME2-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X10ME1-M1 OMRON-E2E-X10ME1-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E2-X2C1-M1 OMRON-E2E2-X2C1-M1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor E2E/E2E2
G3PB-2N OMRON-G3PB-2N Datasheet
1Mb / 10P
   Space and working time saved with new heatsink construction. Series now includes480-VAC models to allow use in a greaterrange of applications.
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com