Electronic Components Datasheet Search |
|
XS2F-D421-DC0-A Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
XS2F-D421-DC0-A Datasheet(HTML) 5 Page - Omron Electronics LLC |
5 / 7 page E3S-CR62/67 5 Safety Precautions Refer to Warranty and Limitations of Liability. This product is not designed or rated for ensuring safety of persons either directly or indirectly. Do not use it for such purposes. Do not use the product in atmospheres or environments that exceed product ratings. ● Designing Fuzzy Mutual Interference Prevention Function • If reflective Photoelectric Sensors are installed side by side, each reflective Photoelectric Sensor may be influenced by the light emitted from the other Photoelectric Sensors. • The fuzzy mutual interference prevention function of the E3S- CR62/67 enables the E3S-CR62/67 to monitor any light interference for a certain period before the E3S-CR62/67 starts emitting light so that the E3S-CR62/67 can retrieve the intensity and frequency of the light interference as data. Using this data, the E3S-CR62/67 estimates with fuzzy inference the risk of the malfunctioning of the E3S-CR62/67 and controls the timing of the E3S-CR62/67’s light emission. When the risk is low: • The E3S-CR62/67 waits until there is no light interference and emits light. Bottles In some cases, factors such as the shape of a bottle prevent stable detection. Please confirm that detection takes place correctly before use. ● Wiring Cable • The E3S-CR62/67 uses an oil-resistive cable to ensure oil resistivity. Avoid repeated bending of the cable. • Do not allow the cable to be bent to a radius of less than 25 mm. Avoiding Malfunctions When using a photoelectric sensor with an inverter or sub-motor, be sure to connect FG (frame ground terminal) and G (ground terminal). If not connected, errors may result. ● Mounting Mounting the Sensor • When mounting the E3S-CR62/67, do not hit the E3S-CR62/67 with a hammer, or the E3S-CR62/67 will loose watertightness. • Use M4 screws to mount the E3S-CR62/67. The tightening torque of each screw must be 1.18 N·m maximum. (When using the mounting bracket) • To set the sensor on the mechanical axis, use the optical axis locking holes. • When it is not possible to mount on the mechanical shift, move the photoelectric switch vertically or horizontally so that it is located in the center of the area illuminated by the incident light indicator lamp. Verify that the stability indicator lamp is on. (Direct mounting) Install the photoelectric sensor as shown in the following diagram. ● Adjusting Optical axis adjustment Adjust the optical axis of the clamp to the direction of sensing object approach. The optical axis of the photoelectric sensor is the same as the mounting axis of the clamp, enabling easy adjustment. About the optical axis locking hole By fitting screws into the optical axis locking holes, the mounting bracket is set onto the mounting shaft of the mounting bracket. WARNING Precautions for Correct Use Emission pattern Light interference Emission pattern Light interference When the risk is high: • The E3S-CR62/67 emits light between each light interference moment. M4 hole M4 hole 2-M3 M3 M4 hole M4 hole Two, 4.5-dia. through holes M4 Tighten M4 screw Tighten M3 screw Four, M4 optical axis lock holes Mounting axis Optical axis |
Similar Part No. - XS2F-D421-DC0-A |
|
Similar Description - XS2F-D421-DC0-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |