Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-DC0-A Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XS2F-D421-DC0-A
Description  Ideal for Detecting Transparent Glass and Plastic Containers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-DC0-A Datasheet(HTML) 6 Page - Omron Electronics LLC

  XS2F-D421-DC0-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
E3S-CR62/67
6
Dimensions
Sensors
Retro-reflective Models
Accessories (Order Separately)
Reflectors
Refer to Dimensions on E39-L/F39-L/E39-S/E39-R.
Mounting Brackets
Refer to DImensions on E39-L/F39-L/E39-S/E39-R.
Sensor I/O Connectors
Refer to Introduction to Sensor I/O connectors for details.
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
20
Optical axis
Optical axis
22.2
12.9
4.2
4.2
12.9
20
25.4
31
43.8
1.5
12
32.2
2.2
23.2
(31)
20.4
25.4
Two, M4
Stainless steel
(SUS304)
4.2
9.2
57
15.9
12.9
Lens (10.3
× 10.5)
Receiver, Emitter
* Mounting Bracket can be attached to side A.
7.2
4.4
Stability indicator (green)
Light indicator (red)
20.2
Two, M4
5.8
23
(A)*1
M3
× 5
11.5
4-dia. vinyl-insulated round cable
with 3 conductors (Conductor cross section:
0.2 mm2; Insulator diameter: 1.2 mm),
Standard length: 2 m
With Mounting Bracket Attached
Pre-wired
E3S-CR62
Mounting Holes
20
M12
Optical axis
Optical axis
22.2
12.9
4.2
4.2
12.9
20
25.4
31
43.8
1.5
12
32.2
2.2
11.5
23.2
20.4
25.4
Two, M4
Stainless steel
(SUS304)
4.2
9.2
57
75
15.9
12.9
Lens (10.3
× 10.5)
Receiver, Emitter
* Mounting Bracket can be attached to side A.
7.2
Stability indicator (green)
Light indicator (red)
20.2
Two, M4
5.8
23
(A)*1
M3
× 5
(31)
4.4
With Mounting Bracket Attached
Standard Connector
E3S-CR67
Mounting Holes


Similar Part No. - XS2F-D421-DC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
1Mb / 13P
   Line of Long-distance Photoelectric Sensors for Large Workpieces Includes Retroreflective Models with Sensing Distance of 10 m and Distance Settings Up to 2 m.
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - XS2F-D421-DC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SR31 OMRON-E3SR31 Datasheet
701Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
EE-SPX613 OMRON-EE-SPX613 Datasheet
110Kb / 5P
   An Ideal Photomicrosensor for Detecting Liquid Levels in Transparent Pipes
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
   STORAGE CONTAINERS
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
logo
List of Unclassifed Man...
39111 ETC2-39111 Datasheet
46Kb / 1P
   Plastek Storage Containers
logo
Kingbright Corporation
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
   Ideal for backlight and indicator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com