Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-GC0-A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XS2F-D421-GC0-A
Description  Ideal for Detecting Transparent Glass and Plastic Containers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-GC0-A Datasheet(HTML) 5 Page - Omron Electronics LLC

  XS2F-D421-GC0-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
E3S-CR62/67
5
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the product in atmospheres or environments that exceed
product ratings.
● Designing
Fuzzy Mutual Interference Prevention Function
• If reflective Photoelectric Sensors are installed side by side, each
reflective Photoelectric Sensor may be influenced by the light
emitted from the other Photoelectric Sensors.
• The fuzzy mutual interference prevention function of the E3S-
CR62/67 enables the E3S-CR62/67 to monitor any light
interference for a certain period before the E3S-CR62/67 starts
emitting light so that the E3S-CR62/67 can retrieve the intensity
and frequency of the light interference as data.
Using this data, the E3S-CR62/67 estimates with fuzzy inference
the risk of the malfunctioning of the E3S-CR62/67 and controls the
timing of the E3S-CR62/67’s light emission.
When the risk is low:
• The E3S-CR62/67 waits until there is no light interference and
emits light.
Bottles
In some cases, factors such as the shape of a bottle prevent stable
detection. Please confirm that detection takes place correctly before
use.
● Wiring
Cable
• The E3S-CR62/67 uses an oil-resistive cable to ensure oil
resistivity. Avoid repeated bending of the cable.
• Do not allow the cable to be bent to a radius of less than 25 mm.
Avoiding Malfunctions
When using a photoelectric sensor with an inverter or sub-motor, be
sure to connect FG (frame ground terminal) and G (ground terminal).
If not connected, errors may result.
● Mounting
Mounting the Sensor
• When mounting the E3S-CR62/67, do not hit the E3S-CR62/67
with a hammer, or the E3S-CR62/67 will loose watertightness.
• Use M4 screws to mount the E3S-CR62/67. The tightening torque
of each screw must be 1.18 N·m maximum.
(When using the mounting bracket)
• To set the sensor on the mechanical axis, use the optical axis
locking holes.
• When it is not possible to mount on the mechanical shift, move the
photoelectric switch vertically or horizontally so that it is located in
the center of the area illuminated by the incident light indicator
lamp. Verify that the stability indicator lamp is on.
(Direct mounting)
Install the photoelectric sensor as shown in the following diagram.
● Adjusting
Optical axis adjustment
Adjust the optical axis of the clamp to the direction of sensing object
approach. The optical axis of the photoelectric sensor is the same as
the mounting axis of the clamp, enabling easy adjustment.
About the optical axis locking hole
By fitting screws into the optical axis locking holes, the mounting
bracket is set onto the mounting shaft of the mounting bracket.
WARNING
Precautions for Correct Use
Emission
pattern
Light
interference
Emission
pattern
Light
interference
When the risk is high:
• The E3S-CR62/67 emits light between each light interference
moment.
M4 hole
M4 hole
2-M3
M3
M4 hole
M4 hole
Two, 4.5-dia. through holes
M4
Tighten M4 screw
Tighten M3 screw
Four, M4 optical
axis lock holes
Mounting axis
Optical axis


Similar Part No. - XS2F-D421-GC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
1Mb / 13P
   Line of Long-distance Photoelectric Sensors for Large Workpieces Includes Retroreflective Models with Sensing Distance of 10 m and Distance Settings Up to 2 m.
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
557Kb / 11P
   Transparent Object Detection Sensor
More results

Similar Description - XS2F-D421-GC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SR31 OMRON-E3SR31 Datasheet
701Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
EE-SPX613 OMRON-EE-SPX613 Datasheet
110Kb / 5P
   An Ideal Photomicrosensor for Detecting Liquid Levels in Transparent Pipes
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
   STORAGE CONTAINERS
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
logo
List of Unclassifed Man...
39111 ETC2-39111 Datasheet
46Kb / 1P
   Plastek Storage Containers
logo
Kingbright Corporation
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
   Ideal for backlight and indicator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com