Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D422-DC0-A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XS2F-D422-DC0-A
Description  Ideal for Detecting Transparent Glass and Plastic Containers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D422-DC0-A Datasheet(HTML) 2 Page - Omron Electronics LLC

  XS2F-D422-DC0-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-D422-DC0-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-D422-DC0-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D422-DC0-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D422-DC0-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D422-DC0-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D422-DC0-A Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
E3S-CR62/67
2
Sensor I/O Connectors (M12) (Refer to Dimensions on XS2)
Note: For details on Sensor I/O Connectors and cables such as vibration-proof robot cables, refer to Introduction to Sensor I/O Connectors.
Ratings and Specifications
*1. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*2. NEMA (National Electrical Manufacturers Association) Standard
Cable
Appearance
Cable type
Model
Standard cable
2 m
3-wire
XS2F-D421-DC0-A
5 m
XS2F-D421-GC0-A
2 m
XS2F-D422-DC0-A
5 m
XS2F-D422-GC0-A
Sensor type
Retro-reflective Models (M.S.R. function)
Item
Model
E3S-CR62
E3S-CR67
Sensing distance
250 mm (When using the E39-R6), 1 m (250 mm)*1 (When using the E39-R1)
Standard sensing object
30-mm dia.
× 150 mm glass tube (thickness: 1.8 mm)
Directional angle
2 to 6
°
Light source (wavelength)
Red LED (650 nm)
Power supply voltage
10 to 30 VDC, ripple (p-p): 10% max.
Current consumption
40 mA max.
Control output
Load power supply voltage: 30 VDC max., Load current: 100 mA max. (Residual voltage: NPN output 1.2 V max.,
PNP output 2 V max.), Open collector model (NPN/PNP selectable), Light-ON / Dark-ON selectable
Protection circuits
Load short-circuit protection, Reverse polarity protection, Mutual interference prevention
Response time
Operate or reset: 1 ms max.
Sensitivity adjustment
2-turn endless adjuster (with indicator)
Ambient illuminance
(Receiver side)
Incandescent lamp: 5,000 lx max., Sunlight: 10,000 lx max.
Ambient temperature range Operating:
−25°C to 55°C, Storage: −40°C to 70°C (with no icing or condensation)
Ambient humidity range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC at 50/60 Hz for 1 minute
Vibration resistance
Destruction: 10 to 2,000 Hz,1.5-mm double amplitude or 300 m/s2 for 0.5 hrs each in X, Y, and Z directions
Shock resistance
Destruction: 1000 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IEC 529 IP67 (in-house standards: oil-resistant)
NEMA 6P (restricted to indoor use) *2
IEC 529 IP67
NEMA 6P (restricted to indoor use) *2
Connection method
Pre-wired (standard length: 2 m)
Standard connector
Weight (packed state)
Approx. 115 g
Approx. 80 g
Material
Case
Zinc die-cast
Lens
Methacrylic resin
Display
operation panel
Polyethyl sulfon
Mounting
Brackets
Stainless steel (SUS304)
Accessories
Clamps (with screws), Adjustment driver, Instruction manual, Reflective Plate
Straight
L-shape


Similar Part No. - XS2F-D422-DC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D422-DC0-A OMRON-XS2F-D422-DC0-A Datasheet
1Mb / 13P
   Line of Long-distance Photoelectric Sensors for Large Workpieces Includes Retroreflective Models with Sensing Distance of 10 m and Distance Settings Up to 2 m.
XS2F-D422-DC0-A OMRON-XS2F-D422-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D422-DC0-A OMRON-XS2F-D422-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D422-DC0-A OMRON-XS2F-D422-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D422-DC0-A OMRON-XS2F-D422-DC0-A Datasheet
557Kb / 11P
   Transparent Object Detection Sensor
More results

Similar Description - XS2F-D422-DC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SR31 OMRON-E3SR31 Datasheet
701Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
EE-SPX613 OMRON-EE-SPX613 Datasheet
110Kb / 5P
   An Ideal Photomicrosensor for Detecting Liquid Levels in Transparent Pipes
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
   STORAGE CONTAINERS
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
logo
List of Unclassifed Man...
39111 ETC2-39111 Datasheet
46Kb / 1P
   Plastek Storage Containers
logo
Kingbright Corporation
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
   Ideal for backlight and indicator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com