Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFP-M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # PFP-M
Description  Grooved Head Sensor Ideal for Register Mark Detection in Printing and Packaging Equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-M Datasheet(HTML) 3 Page - Omron Electronics LLC

  PFP-M Datasheet HTML 1Page - Omron Electronics LLC PFP-M Datasheet HTML 2Page - Omron Electronics LLC PFP-M Datasheet HTML 3Page - Omron Electronics LLC PFP-M Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E3XR-GM
E3XR-GM
4
Dimensions
Unit: mm (inch)
NPN output
Light-ON
Dark-ON
PNP output
Light-ON
Dark-ON
I TIMING CHARTS
PNP output E3XR-GM5 B4


Similar Part No. - PFP-M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-M OMRON-PFP-M Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PFP-M OMRON-PFP-M Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
PFP-M OMRON-PFP-M Datasheet
398Kb / 15P
   Solid-State Digital Timer
PFP-M OMRON-PFP-M Datasheet
51Kb / 2P
   DIN Rail Mounting Track
PFP-M OMRON-PFP-M Datasheet
234Kb / 11P
   Economical, Compact, Plug-in Timer
More results

Similar Description - PFP-M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-GS1E4 OMRON-E3S-GS1E4 Datasheet
278Kb / 4P
   Grooved Head Sensor with Built-In DC Amplifiers
E3ZM-V OMRON-E3ZM-V Datasheet
1Mb / 12P
   Print mark detection photoelectric sensor in compact stainless steel housing
W2GF-02 OMRON-W2GF-02 Datasheet
190Kb / 4P
   Built-in type ideal for touch detection in gaming machines.
logo
OptoDiode Corp
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
   ELECTRON DETECTION 100 mm Ideal for electron detection
logo
FOTEK CONTROLS CO., LTD...
FM-01R FOTEK-FM-01R Datasheet
285Kb / 2P
   MARK SENSOR
logo
Omron Electronics LLC
E3M-V OMRON-E3M-V Datasheet
1Mb / 12P
   Mark Sensor
logo
OptoDiode Corp
UVG5S OPTODIODE-UVG5S Datasheet
321Kb / 2P
   Ideal for 225-400 nm detection
logo
Omron Electronics LLC
E3XR-GM OMRON-E3XR-GM Datasheet
303Kb / 3P
   Detect Register Marks for Packaging.
2008.9
logo
OptoDiode Corp
UVG20S OPTODIODE-UVG20S Datasheet
280Kb / 2P
   Ideal for 190-400 nm detection
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com