Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1507 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F1507
Description  14-Pin Flash, 8-Bit Microcontrollers
Download  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F1507 Datasheet HTML 1Page - Microchip Technology PIC16F1507 Datasheet HTML 2Page - Microchip Technology PIC16F1507 Datasheet HTML 3Page - Microchip Technology PIC16F1507 Datasheet HTML 4Page - Microchip Technology PIC16F1507 Datasheet HTML 5Page - Microchip Technology PIC16F1507 Datasheet HTML 6Page - Microchip Technology PIC16F1507 Datasheet HTML 7Page - Microchip Technology PIC16F1507 Datasheet HTML 8Page - Microchip Technology PIC16F1507 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 340 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41607A-page 3
High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• 3.5 Kbytes Linear Program Memory Addressing
• 128 bytes Linear Data Memory Addressing
• Operating Speed:
- DC – 20 MHz clock input
- DC – 200 ns instruction cycle
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with Optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
- Factory calibrated to ±1%, typical
- Software selectable frequency range from
16 MHz to 31 kHz
• 31 kHz Low-Power Internal Oscillator
• Three External Clock modes up to 20 MHz
Special Microcontroller Features:
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF1503)
- 2.3V to 5.5V (PIC16F1503)
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Programmable Low-Power Brown-Out Reset
(LPBOR)
• Extended Watchdog Timer (WDT):
- Programmable period from 1 ms to 256s
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
• Enhanced Low-Voltage Programming (LVP)
• Power-Saving Sleep mode:
- Low-Power Sleep mode
- Low-Power BOR (LPBOR)
• Integrated Temperature Indicator
Low-Power Features (PIC16LF1503):
• Standby Current:
- 20 nA @ 1.8V, typical
• Watchdog Timer Current:
- 300 nA @ 1.8V, typical
• Operating Current:
-30
A/MHz @ 1.8V, typical
Peripheral Features:
• Analog-to-Digital Converter (ADC):
- 10-bit resolution
- 8 external channels
- 2 internal channels:
- Fixed Voltage Reference and DAC channels
- Temperature Indicator channel
- Auto acquisition capability
- Conversion available during Sleep
• 2 Comparators:
- Rail-to-rail inputs
- Power mode control
- Software controllable hysteresis
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
- 1 rail-to-rail resistive 5-bit DAC with positive
reference selection
• 12 I/O Pins (1 Input-only Pin):
- High current sink/source 25 mA/25 mA
- Individually programmable weak pull-ups
- Individually programmable inter-
rupt-on-change (IOC) pins
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Four 10-bit PWM modules
• Master Synchronous Serial Port (MSSP) with SPI
and I2C™ with:
- 7-bit address masking
- SMBus/PMBus™ compatibility
• 2 Configurable Logic Cell (CLC) modules:
- 16 selectable input source signals
- Four inputs per module
- Software control of combinational/sequential
logic/state/clock functions
- AND/OR/XOR/D Flop/D Latch/SR/JK
- External or internal inputs/outputs
- Operation while in Sleep
14-Pin Flash, 8-Bit Microcontrollers
PIC16(L)F1503


Similar Part No. - PIC16F1507

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
6Mb / 422P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16F1507-E MICROCHIP-PIC16F1507-E Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
05/02/11
PIC16F1507T-EMLQTP MICROCHIP-PIC16F1507T-EMLQTP Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
05/02/11
More results

Similar Description - PIC16F1507

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1503-I MICROCHIP-PIC16LF1503-I Datasheet
3Mb / 340P
   14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F529T48A MICROCHIP-PIC12F529T48A Datasheet
981Kb / 98P
   14-Pin, 8-Bit Flash Microcontrollers
11/29/11
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
   8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC16LF1503 MICROCHIP-PIC16LF1503 Datasheet
3Mb / 340P
   14-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
   8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
PIC12F509-I MICROCHIP-PIC12F509-I Datasheet
1Mb / 110P
   8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC12F508 MICROCHIP-PIC12F508_09 Datasheet
1Mb / 110P
   8/14-Pin, 8-Bit Flash Microcontrollers
2009
PIC12F508 MICROCHIP-PIC12F508_1 Datasheet
682Kb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
05/28/04
PIC12F508T-I MICROCHIP-PIC12F508T-I Datasheet
1Mb / 106P
   8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com