Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F57-I-P Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F57-I-P
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-I-P Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F57-I-P Datasheet HTML 5Page - Microchip Technology PIC16F57-I-P Datasheet HTML 6Page - Microchip Technology PIC16F57-I-P Datasheet HTML 7Page - Microchip Technology PIC16F57-I-P Datasheet HTML 8Page - Microchip Technology PIC16F57-I-P Datasheet HTML 9Page - Microchip Technology PIC16F57-I-P Datasheet HTML 10Page - Microchip Technology PIC16F57-I-P Datasheet HTML 11Page - Microchip Technology PIC16F57-I-P Datasheet HTML 12Page - Microchip Technology PIC16F57-I-P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 7
PIC16F5X
2.0
ARCHITECTURAL OVERVIEW
The high performance of the PIC16F5X family can be
attributed to a number of architectural features
commonly found in RISC microprocessors. To begin
with, the PIC16F5X uses a Harvard architecture in
which program and data are accessed on separate
buses. This improves bandwidth over traditional von
Neumann architecture where program and data are
fetched on the same bus. Separating program and data
memory further allows instructions to be sized differ-
ently than the 8-bit wide data word. Instruction opcodes
are 12-bits wide, making it possible to have all single-
word instructions. A 12-bit wide program memory
access bus fetches a 12-bit instruction in a single cycle.
A two-stage pipeline overlaps fetch and execution of
instructions. Consequently, all instructions (33) execute
in a single cycle except for program branches.
The
PIC16F54
addresses
512 x 12
of
program
memory, the PIC16F57 and PIC16F59 addresses
2048 x 12 of program memory. All program memory is
internal.
The PIC16F5X can directly or indirectly address its
register files and data memory. All Special Function
Registers (SFR), including the program counter, are
mapped in the data memory. The PIC16F5X has a
highly orthogonal (symmetrical) instruction set that
makes it possible to carry out any operation on any reg-
ister using any Addressing mode. This symmetrical
nature and lack of ‘special optimal situations’ make pro-
gramming with the PIC16F5X simple, yet efficient. In
addition, the learning curve is reduced significantly.
The PIC16F5X device contains an 8-bit ALU and work-
ing register. The ALU is a general purpose arithmetic
unit. It performs arithmetic and Boolean functions
between data in the working register and any register
file.
The ALU is 8-bits wide and capable of addition,
subtraction, shift and logical operations. Unless other-
wise mentioned, arithmetic operations are two's
complement in nature. In two-operand instructions,
typically one operand is the W (working) register. The
other operand is either a file register or an immediate
constant. In single operand instructions, the operand is
either the W register or a file register.
The W register is an 8-bit working register used for ALU
operations. It is not an addressable register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC) and
Zero (Z) bits in the STATUS Register. The C and DC
bits operate as a borrow and digit borrow out bit,
respectively, in subtraction. See the SUBWF and ADDWF
instructions for examples.
A simplified block diagram is shown in Figure 2-1 with
the corresponding device pins described in Table 2-1
(for PIC16F54), Table 2-2 (for PIC16F57) and
Table 2-3 (for PIC16F59).


Similar Part No. - PIC16F57-I-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F57-I/P MICROCHIP-PIC16F57-I/P Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-I/PG MICROCHIP-PIC16F57-I/PG Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-I/SO MICROCHIP-PIC16F57-I/SO Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-I/SOG MICROCHIP-PIC16F57-I/SOG Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-I/SP MICROCHIP-PIC16F57-I/SP Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
More results

Similar Description - PIC16F57-I-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
PIC16F5X MICROCHIP-PIC16F5X_07 Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_15 Datasheet
1Mb / 104P
[Old version datasheet]   8-Bit CMOS Flash Based Microcontroller with 32k Memory
logo
Microchip Technology
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16CR54C MICROCHIP-PIC16CR54C Datasheet
654Kb / 84P
   ROM-Based 8-Bit CMOS Microcontroller Series
1998
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com