Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12C508A Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC12C508A
Description  Errata Sheet for PIC12C508A/509A (Rev. A Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C508A Datasheet(HTML) 5 Page - Microchip Technology

  PIC12C508A Datasheet HTML 1Page - Microchip Technology PIC12C508A Datasheet HTML 2Page - Microchip Technology PIC12C508A Datasheet HTML 3Page - Microchip Technology PIC12C508A Datasheet HTML 4Page - Microchip Technology PIC12C508A Datasheet HTML 5Page - Microchip Technology PIC12C508A Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 2000 Microchip Technology Inc.
DS80024B-page 5
PIC12C508A/509A
TABLE 13-1:
PULL-UP RESISTOR RANGES* - PIC12C508A, PIC12C509A, PIC12CR509A,
PIC12CE518, PIC12CE519, PIC12LC508A, PIC12LC509A, PIC12LCR509A,
PIC12LCE518 and PIC12LCE519
Reset
When MCLR is asserted, the state of the OSC1/CLKIN
and CLKOUT/OSC2 pins are as follows:
VDD (Volts)
Temperature (
°C)
Min
Typ
Max
Units
GP0/GP1
2.5
–40
38K
42K
63K
25
42K
48K
63K
85
42K
49K
63K
125
50K
55K
63K
5.5
–40
15K
17K
20K
25
18K
20K
23K
85
19K
22K
25K
125
22K
24K
28K
GP3(1)
2.5
–40
65K
80K
850K
25
80K
100K
1150K
85
85K
110K
1300K
125
100K
120K
1500K
5.5
–40
50K
60K
600K
25
60K
65K
750K
85
65K
80K
900K
125
75K
90K
990K
* These parameters are characterized but not tested.
Note 1: The weak pull-up resistor and associated current for the GP3/MCLR pin is non-linear when the respective
pin voltage is less than VDD - 1.0V. See parameter D061 for GP3/MCLR pin current specifications.
CLKIN/CLKOUT PIN STATES WHEN MCLR
ASSERTED
Oscillator Mode
OSC1/CLKIN Pin
OSC2/CLKOUT Pin
EXTRC, CLKOUT
on OSC2
OSC1 pin is
tristated and
driven by external
circuit
OSC2 pin is driven
low
EXTRC, OSC2 is
I/O
OSC1 pin is
tristated and
driven by external
circuit
OSC2 pin is tristate
input
INTRC, CLKOUT
on OSC2
OSC1 pin is
tristate input
OSC2 pin is driven
low
INTRC, OSC2 is
I/O
OSC1 pin is
tristate input
OSC2 pin is tristate
input


Similar Part No. - PIC12C508A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12C508A MICROCHIP-PIC12C508A Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C508A MICROCHIP-PIC12C508A Datasheet
1Mb / 88P
   8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
PIC12C508A MICROCHIP-PIC12C508A Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C508A MICROCHIP-PIC12C508A Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C508A MICROCHIP-PIC12C508A Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
More results

Similar Description - PIC12C508A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
   PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
   PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
   PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
   PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
   Errata Sheet for Rev. B PIC16C73A Silicon
1996
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
   PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
   Rev. A4 Silicon/Data Sheet Errata
2005
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
   PIC10F220/222 Rev. A Silicon Errata
02/16/06
PIC16C717-EP MICROCHIP-PIC16C717-EP Datasheet
94Kb / 6P
   PIC16C717/770/771 Rev. C Silicon/Data Sheet Errata
08/01/02
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com