Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC860BC5-TR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC860BC5-TR
Description  Teeny Ultra Low Power Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC860BC5-TR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC860BC5-TR Datasheet HTML 3Page - Micrel Semiconductor MIC860BC5-TR Datasheet HTML 4Page - Micrel Semiconductor MIC860BC5-TR Datasheet HTML 5Page - Micrel Semiconductor MIC860BC5-TR Datasheet HTML 6Page - Micrel Semiconductor MIC860BC5-TR Datasheet HTML 7Page - Micrel Semiconductor MIC860BC5-TR Datasheet HTML 8Page - Micrel Semiconductor MIC860BC5-TR Datasheet HTML 9Page - Micrel Semiconductor MIC860BC5-TR Datasheet HTML 10Page - Micrel Semiconductor MIC860BC5-TR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
February 2006
7
M9999-022706
MIC860
Micrel, Inc.
Functional Characteristics
-225
-180
-135
-90
-45
0
45
90
135
180
225
Unity Gain Frequency
Response
-25
-20
-15
-10
-5
0
5
10
15
20
25
VCC = 5V
RL = 5k Ω
CL = 2pF
A
V = 1
-225
-180
-135
-90
-45
0
45
90
135
180
225
Gain Bandwidth and
Phase Margin
-50
-40
-30
-20
-10
0
10
20
30
40
50
VCC = 5V
AV = 10
RL = 1M Ω
CL = 2pF
-225
-180
-135
-90
-45
0
45
90
135
180
225
Gain Frequency Response
-25
-20
-15
-10
-5
0
5
10
15
20
25
VCC = 5V
AV = 2
CL = 2pF
RL = 5k Ω
-225
-180
-135
-90
-45
0
45
90
135
180
225
Unity Gain Frequency
Response
-25
-20
-15
-10
-5
0
5
10
15
20
25
VCC = 2.7V
RL = 5k Ω
CL = 2pF
A
V = 1
0
0.5
1
1.5
2
2.5
3
3.5
4
1
10
100
1000
CAPACITIVE LOAD (pF)
Gain Bandwidth vs.
Capacitve Load
VCC = 5.0V
VCC = 2.7V
Note: To drive
capacitive load,
a 500Ω series
resistor would
help stablize
the circuit
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
PSRR vs. Frequency
V
CC = 2.7V
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
PSRR vs. Frequency
V
CC = 5V


Similar Part No. - MIC860BC5-TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC860BC5 MICREL-MIC860BC5 Datasheet
1Mb / 12P
   Teeny??Ultra Low Power Op Amp
More results

Similar Description - MIC860BC5-TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
   Teeny??Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
MIC861 MICREL-MIC861_14 Datasheet
1Mb / 11P
   Teeny??Ultra-Low-Power Op Amp
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
   Teeny??Ultra-Low Power Op Amp
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
   Teeny Ultra Low Power Op Amp Final Information
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
   Ultra-Low Power Op Amp
02/28/20
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com