Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E2-X10MY1 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E2E2-X10MY1
Description  A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2-X10MY1 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E2E2-X10MY1 Datasheet HTML 5Page - Omron Electronics LLC E2E2-X10MY1 Datasheet HTML 6Page - Omron Electronics LLC E2E2-X10MY1 Datasheet HTML 7Page - Omron Electronics LLC E2E2-X10MY1 Datasheet HTML 8Page - Omron Electronics LLC E2E2-X10MY1 Datasheet HTML 9Page - Omron Electronics LLC E2E2-X10MY1 Datasheet HTML 10Page - Omron Electronics LLC E2E2-X10MY1 Datasheet HTML 11Page - Omron Electronics LLC E2E2-X10MY1 Datasheet HTML 12Page - Omron Electronics LLC E2E2-X10MY1 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
E2E/E2E2 Cylindrical Proximity Sensor
9
E2E-X
@E@/F@ DC 3-wire Models
Note 1. The response speed is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard
sensing object, and a set distance of half the sensing distance.
2. When using an E2E with an M8 connector at an ambient temperature range between 70
°C and 85°C, supply 10 to 30 VDC to the E2E and
make sure that the E2E has a control output of 100 mA maximum.
3. This OMRON in-house standard confirms resistance to cutting and other oils. It is equivalent to the former JEM standard.
Size
M8
M12
M18
M30
Type
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Item
E2E-X1R5E
@/
F
@
E2E-X2ME
@/
F
@
E2E-X2E
@/
F
@
E2E-X5ME
@/
F
@
E2E-X5E
@/
F
@
E2E-X10ME
@/
F
@
E2E-X10E
@/
F
@
E2E-X18ME
@/
F
@
Sensing distance
1.5 mm
±10% 2 mm ±10%
2 mm
±10%
5 mm
±10%
5 mm
±10%
10 mm
±10% 10 mm ±10% 18 mm ±10%
Set distance
0 to 1.2 mm
0 to 1.6 mm
0 to 1.6 mm
0 to 4.0 mm
0 to 4.0 mm
0 to 8.0 mm
0 to 8.0 mm
0 to 14.0 mm
Differential travel
10% max. of sensing distance
Sensing object
Ferrous metal (The sensing distance decreases with non-ferrous metal, refer to Engineering Data.)
Standard sensing
object
Iron, 8 x 8 x
1mm
Iron, 12 x 12 x
1mm
Iron, 12 x 12 x
1mm
Iron, 15 x 15 x
1mm
Iron, 18 x 18 x
1mm
Iron, 30 x 30 x
1mm
Iron, 30 x 30 x
1mm
Iron, 54 x 54 x
1mm
Response speed (See
note 1.)
2.0 kHz
0.8 kHz
1.5 kHz
0.4 kHz
0.6 kHz
0.2 kHz
0.4 kHz
0.1 kHz
Power supply voltage
(operating voltage
range) (See note 2.)
12 to 24 VDC (10 to 40 VDC), ripple (p-p): 10% max.
Current consumption
13 mA max.
Control
output
Load current
(See note 2.)
200 mA max.
Residual
voltage
2 V max. (Load current: 200 mA, Cable length: 2 m)
Indicator
Operation indicator (red LED)
Operation mode
(with sensing object
approaching)
E1 F1 Models: NO
E2 F2 Models: NC
For details, refer to Timing Charts.
Protection circuits
Power supply reverse polarity protection, surge suppressor, output load short-circuit protection
Ambient temperature
(See note 2)
Operating/Storage: –40
°C to 85°C (with no icing or condensation)
Ambient humidity
Operating/Storage: 35% to 95% (with no icing)
Temperature influence
±15% max. of sensing distance at 23°C in the temperature range of –40°C to 85°C
±10% max. of sensing distance at 23°C in the temperature range of –25°C to 70°C
Voltage influence
±1% max. of sensing distance in the rated voltage range ±15%
Insulation resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min between current-carrying parts and case
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
500 m/s2 10 times each in X, Y,
and Z directions
1,000 m/s2 10 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP67 (Pre-wired models: in-house standard for oil resistance (former JEM standard equivalent to IP67g)) (See note
3.)
Connection method
Pre-wired models (standard length 2 m), connector models
Weight
(packed
state)
Pre-wired
models
Approx. 65 g
Approx. 75 g
Approx. 150 g
Approx. 195 g
Connector
models
Approx. 15 g
Approx. 25 g
Approx. 40 g
Approx. 90 g
Material
Case
Stainless steel (SUS303)
Brass-nickel plated
Sensing
surface
PBT (
polybutylene terephthalate)
Clamping
nuts
Brass-nickel plated
Toothed
washer
Iron-zinc plated
Accessories
Instruction manual


Similar Part No. - E2E2-X10MY1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E2-X10MB1 OMRON-E2E2-X10MB1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E2-X10MB1-M1 OMRON-E2E2-X10MB1-M1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E2-X10MB2 OMRON-E2E2-X10MB2 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E2-X10MB2-M1 OMRON-E2E2-X10MB2-M1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E2-X10MC1 OMRON-E2E2-X10MC1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
More results

Similar Description - E2E2-X10MY1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10ME1 OMRON-E2E-X10ME1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X5ME2-M1 OMRON-E2E-X5ME2-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X10ME1-M1 OMRON-E2E-X10ME1-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E2-X2C1-M1 OMRON-E2E2-X2C1-M1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor E2E/E2E2
G3PB-2N OMRON-G3PB-2N Datasheet
1Mb / 10P
   Space and working time saved with new heatsink construction. Series now includes480-VAC models to allow use in a greaterrange of applications.
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com