Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8051MLL Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # KSZ8051MLL
Description  10Base-T/100Base-TX Physical Layer Transceiver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8051MLL Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button KSZ8051MLL Datasheet HTML 6Page - Micrel Semiconductor KSZ8051MLL Datasheet HTML 7Page - Micrel Semiconductor KSZ8051MLL Datasheet HTML 8Page - Micrel Semiconductor KSZ8051MLL Datasheet HTML 9Page - Micrel Semiconductor KSZ8051MLL Datasheet HTML 10Page - Micrel Semiconductor KSZ8051MLL Datasheet HTML 11Page - Micrel Semiconductor KSZ8051MLL Datasheet HTML 12Page - Micrel Semiconductor KSZ8051MLL Datasheet HTML 13Page - Micrel Semiconductor KSZ8051MLL Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Micrel, Inc.
KSZ8051MLL
July 2010
10
M9999-071210-1.0
Pin Description – KSZ8051MLL (Continued)
Pin Number
Pin Name
Type
(1)
Pin Function
26
NC
-
No connect
27
RXDV /
CONFIG2
Ipd/O
MII Mode:
MII Receive Data Valid Output /
Config Mode:
The pull-up/pull-down value is latched as CONFIG2 at the
de-assertion of reset. See Strapping Options section for details.
28
RXC /
B-CAST_OFF
Ipd/O
MII Mode:
MII Receive Clock Output
Config Mode:
The pull-up/pull-down value is latched as B-CAST_OFF at the
de-assertion of reset. See Strapping Options section for details.
29
RXER /
ISO
Ipd/O
MII Mode:
MII Receive Error Output /
Config Mode:
The pull-up/pull-down value is latched as ISOLATE at the
de-assertion of reset. See Strapping Options section for details.
30
GND
Gnd
Ground
31
VDD_1.2
P
1.2V core VDD
(power supplied by KSZ8051MLL)
Decouple with 0.1uF capacitor to ground, and join with pin 4 by power trace or plane.
32
INTRP /
NAND_Tree#
Ipu/Opu
Interrupt Output: Programmable Interrupt Output
This pin has a weak pull-up, is open-drain like, and requires an external 1.0K
Ω
pull-up resistor.
Config Mode:
The pull-up/pull-down value is latched as NAND Tree# at the
de-assertion of reset. See Strapping Options section for details.
33
TXC
I/O
MII Mode:
MII Transmit Clock Output
MII Back-to-Back Mode:
MII Transmit Clock Input
34
TXEN
I
MII Mode:
MII Transmit Enable Input
35
TXD0
I
MII Mode:
MII Transmit Data Input[0]
(3)
36
TXD1
I
MII Mode:
MII Transmit Data Input[1]
(3)
37
GND
Gnd
Ground
38
TXD2
I
MII Mode:
MII Transmit Data Input[2]
(3)
39
TXD3
I
MII Mode:
MII Transmit Data Input[3]
(3)
40
COL /
CONFIG0
Ipd/O
MII Mode:
MII Collision Detect Output /
Config Mode:
The pull-up/pull-down value is latched as CONFIG0 at the
de-assertion of reset. See Strapping Options section for details.
41
CRS /
CONFIG1
Ipd/O
MII Mode:
MII Carrier Sense Output /
Config Mode:
The pull-up/pull-down value is latched as CONFIG1 at the
de-assertion of reset. See Strapping Options section for details.


Similar Part No. - KSZ8051MLL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
logo
Microchip Technology
KSZ8051MNL MICROCHIP-KSZ8051MNL Datasheet
645Kb / 66P
   10BASE-T/100BASE-TX Automotive Physical Layer Transceiver
11/07/16
logo
Micrel Semiconductor
KSZ8051MNLI MICREL-KSZ8051MNLI Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
   10Base-T/100Base-TX Physical Layer Transceiver
More results

Similar Description - KSZ8051MLL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
logo
Micrel Semiconductor
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051RNL-TR MICREL-KSZ8051RNL-TR Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
   10Base-T/100Base-TX Physical Layer Transceiver
logo
Microchip Technology
KSZ8081MNX MICROCHIP-KSZ8081MNX Datasheet
1Mb / 66P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8061RNB MICROCHIP-KSZ8061RNB Datasheet
585Kb / 57P
   10BASE-T/100BASE-TX Physical Layer Transceiver
07/14/15
logo
Micrel Semiconductor
KSZ8081MNX MICREL-KSZ8081MNX Datasheet
1Mb / 69P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8091RNA MICREL-KSZ8091RNA Datasheet
1Mb / 67P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com