Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2238-GWYML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2238-GWYML
Description  2.5MHz Dual Phase PWM Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2238-GWYML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2238-GWYML Datasheet HTML 1Page - Micrel Semiconductor MIC2238-GWYML Datasheet HTML 2Page - Micrel Semiconductor MIC2238-GWYML Datasheet HTML 3Page - Micrel Semiconductor MIC2238-GWYML Datasheet HTML 4Page - Micrel Semiconductor MIC2238-GWYML Datasheet HTML 5Page - Micrel Semiconductor MIC2238-GWYML Datasheet HTML 6Page - Micrel Semiconductor MIC2238-GWYML Datasheet HTML 7Page - Micrel Semiconductor MIC2238-GWYML Datasheet HTML 8Page - Micrel Semiconductor MIC2238-GWYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Micrel, Inc.
MIC2238
April 2010
5
M9999-040810-A
Electrical Characteristics (cont.)
(4)
Parameter
Condition
Min
Typ
Max
Units
Protection
Current Limit
Peak Switch Current, VOUT = 0V
0.9
1.2
1.8
A
Over Temperature
Shutdown Hysteresis
20
°C
Control
Maximum Duty Cycle
VFB = 0.7V
100
%
Oscillator
PWM Mode Frequency
2.125
2.5
2.875
MHz
Power Good
Power Good Reset
Threshold
Upper Threshold
Lower Threshold
-14
6.25
-8.5
12
%
PGOOD Series
Resistance
1
1.4
kΩ
PGOOD Pull-Up Current
Output within 8.5% of regulation
5
µA
Power Switch
Switch On-Resistance
ISW = 150mA (PFET)
ISW = 150mA (NFET)
0.4
0.35
Ω
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.


Similar Part No. - MIC2238-GWYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238-GWYML MICREL-MIC2238-GWYML Datasheet
1Mb / 16P
   2.5MHz Dual Phase PWM Buck Regulator
More results

Similar Description - MIC2238-GWYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238_10 Datasheet
1Mb / 16P
   2.5MHz Dual Phase PWM Buck Regulator
logo
Semtech Corporation
SC284AQ SEMTECH-SC284AQ Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
Renesas Technology Corp
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051 Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
logo
Intersil Corporation
ISL6560 INTERSIL-ISL6560 Datasheet
396Kb / 14P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com