Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8995MAI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # KSZ8995MAI
Description  Integrated 5-Port 10/100 Managed Switch
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8995MAI Datasheet(HTML) 3 Page - Micrel Semiconductor

  KSZ8995MAI Datasheet HTML 1Page - Micrel Semiconductor KSZ8995MAI Datasheet HTML 2Page - Micrel Semiconductor KSZ8995MAI Datasheet HTML 3Page - Micrel Semiconductor KSZ8995MAI Datasheet HTML 4Page - Micrel Semiconductor KSZ8995MAI Datasheet HTML 5Page - Micrel Semiconductor KSZ8995MAI Datasheet HTML 6Page - Micrel Semiconductor KSZ8995MAI Datasheet HTML 7Page - Micrel Semiconductor KSZ8995MAI Datasheet HTML 8Page - Micrel Semiconductor KSZ8995MAI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
Micrel, Inc.
KS8995MA/FQ
October 2011
3
M9999-102611-3.0
Ordering Information
Part Number
Temperature Range
Package
Standard
Pb (lead)-Free
KS8995MA
KSZ8995MA
0°C to
+70°C
128-Pin PQFP
KS8995FQ
KSZ8995FQ
0°C to
+70°C
128-Pin PQFP
KS8995MAI
KSZ8995MAI
−40°C to +85°C
128-Pin PQFP
KS8995FQI
KSZ8995FQI
−40°C to +85°C
128-Pin PQFP
Revision History
Revision
Date
Summary of Changes
2.0
10/10/03
Created.
2.1
10/30/03
Editorial changes on electrical characteristics.
2.2
04/01/04
Editorial changes on the TTL input and output electrical characteristics.
2.3
01/19/05
Insert recommended reset circuit, pg. 70. Editorial, Pg. 36.
2.4
04/13/05
Changed VDDIO to 3.3V.
Changed Jitter to 16 ns Max.
2.5
02/06/06
Added Pb-Free option for Industrial version.
2.6
07/12/06
Add a note for VLAN table write, improve the timing diagram for MII interface, update pin description for
PCRS, PCOL, etc. And update the description of the register bits for the loopback, etc.
2.7
06/01/07
Add the package thermal information in the operating rating and the transformer power consumption
information in the electrical characteristics note.
2.8
03/20/08
Add KSZ8995FQ information and pin description.
2.9
09/15/08
Add KSZ8995FQ block diagram and descriptions for revision ID and LED mode.
3.0
10/26/11
Update some descriptions for VDDAT voltage MDI/MDIX bits of registers, update equation of the broadcast
storm protection, correct typo.


Similar Part No. - KSZ8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8995MAI MICREL-KSZ8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KSZ8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com