Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2238-S4YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2238-S4YML
Description  2.5MHz Dual Phase PWM Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2238-S4YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2238-S4YML Datasheet HTML 1Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 2Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 3Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 4Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 5Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 6Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 7Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 8Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MIC2238
April 2010
4
M9999-040810-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................+6V
Enable 1 Voltage ………………………………………... +6V
Enable 2 Voltage ……………………………………….. +6V
Logic Input Voltage (VEN, VFPWM)............................ VIN to 0V
Storage Temperature (TS) .........................-65°C to +150°C
ESD .............................................................................. 2KV
Operating Ratings
(2)
Supply Voltage (VIN) ........................................ 2.5V to 5.5V
Junction Temperature (TJ) .........................-40°C to +125°C
Package Thermal Resistance (
θJA)..........................60°C/W
Electrical Characteristics
(4)
TA = 25°C with VIN = VEN1 = VEN2 =3.6V, VOUT1, VOUT2, L= 2.2μH, C = 2.2μF, unless otherwise specified. Bold values indicate -40ºC ≤ TJ
≤+125ºC..
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage and Current
Supply Voltage Range
2.5
5.5
V
UVLO (rising)
2.3
2.4
2.5
V
UVLO Hysteresis
100
mV
PWM Mode Supply
Current
/FPWM = Low; VOUT1, VOUT2= 1.03 * VNOM (not switching)
560
950
µA
Trickle Mode Supply
Current
/FPWM = High; VOUT1, VOUT2= 1.03 * VNOM (not switching)
28
50
µA
Shutdown Quiescent
Current
VEN = 0V
0.1
1
µA
Output Voltage Accuracy
Feedback voltage, VFB
Adjustable
0.780
0.8
0.820
V
Output voltage, VOUT
Fixed Output Options
-2.5
+2.5
%
Feedback bias current
10
nA
Output Voltage Line
Regulation
2.5V
≤ VIN ≤ 5.5V
0.1
0.5
%
Output Voltage Load
Regulation
VIN = 5V, IOUT = 10mA to 800mA, /FPWM = 0V
VIN = 3V; IOUT = 10mA to 800mA, /FPWM = 0V
0.5
%
Ripple in Trickle Mode
Vin=3.6V; Iout = 1mA; COUT = 2.2µF, L = 2.2µH.
40
mV
Logic Inputs
On
0.8
1.2
V
EN Input Threshold
Off
0.3
0.7
V
EN Input Current
0.01
1
µA
On
0.6xVIN
V
/FPWM Input Threshold
Off
0.3xVIN
V
/FPWM Input Current
0.01
1
µA


Similar Part No. - MIC2238-S4YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238-S4YML MICREL-MIC2238-S4YML Datasheet
1Mb / 16P
   2.5MHz Dual Phase PWM Buck Regulator
More results

Similar Description - MIC2238-S4YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238_10 Datasheet
1Mb / 16P
   2.5MHz Dual Phase PWM Buck Regulator
logo
Semtech Corporation
SC284AQ SEMTECH-SC284AQ Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
Renesas Technology Corp
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051 Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
logo
Intersil Corporation
ISL6560 INTERSIL-ISL6560 Datasheet
396Kb / 14P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com