Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ9021RL Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # KSZ9021RL
Description  Gigabit Ethernet Transceiver with RGMII Support
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ9021RL Datasheet(HTML) 2 Page - Micrel Semiconductor

  KSZ9021RL Datasheet HTML 1Page - Micrel Semiconductor KSZ9021RL Datasheet HTML 2Page - Micrel Semiconductor KSZ9021RL Datasheet HTML 3Page - Micrel Semiconductor KSZ9021RL Datasheet HTML 4Page - Micrel Semiconductor KSZ9021RL Datasheet HTML 5Page - Micrel Semiconductor KSZ9021RL Datasheet HTML 6Page - Micrel Semiconductor KSZ9021RL Datasheet HTML 7Page - Micrel Semiconductor KSZ9021RL Datasheet HTML 8Page - Micrel Semiconductor KSZ9021RL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Micrel, Inc.
KSZ9021RL/RN
October 2009
2
M9999-101309-1.1
More Features
• Automatic MDI/MDI-X crossover for detection and
correction of pair swap at all speeds of operation
• Automatic detection and correction of pair swap, pair
skew and pair polarity
• MDC/MDIO Management Interface for PHY register
configuration
• Interrupt pin option
• Power down and power saving modes
• Operating Voltages
Core:
1.2V (external FET or regulator)
I/O:
3.3V or 2.5V
Transceiver:
3.3V
• Available packages
64-pin E-LQFP (10mm x 10mm):
KSZ9021RL
48-pin QFN (7mm x 7mm):
KSZ9021RN
Applications
• Laser/Network Printer
• Network Attached Storage (NAS)
• Network Server
• Gigabit LAN on Motherboard (GLOM)
• Broadband Gateway
• Gigabit SOHO/SMB Router
• IPTV
• IP Set-top Box
• Game Console
• Triple-play (data, voice, video) Media Center
• Media Converter
Ordering Information
Part Number
Temp. Range
Package
Lead Finish
Description
KSZ9021RL
0°C to 70°C
64-Pin E-LQFP
Pb-Free
RGMII, Commercial Temperature, 64-E-LQFP
KSZ9021RLI
(1)
-40°C to 85°C
64-Pin E-LQFP
Pb-Free
RGMII, Industrial Temperature, 64-E-LQFP
KSZ9021RN
0°C to 70°C
48-Pin QFN
Pb-Free
RGMII, Commercial Temperature, 48-QFN
KSZ9021RNI
(1)
-40°C to 85°C
48-Pin QFN
Pb-Free
RGMII, Industrial Temperature, 48-QFN
Note:
1.
Contact factory for lead time.


Similar Part No. - KSZ9021RL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RL MICREL-KSZ9021RL Datasheet
67Kb / 2P
   Single-port 10/100/1000Base-T Gigabit Transceiver
logo
Microchip Technology
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
   Gigabit Ethernet Transceiver with RGMII Support
05/14/19
More results

Similar Description - KSZ9021RL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
   Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
logo
Micrel Semiconductor
KSZ9031RNX MICREL-KSZ9031RNX Datasheet
973Kb / 75P
   Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
   Gigabit Ethernet Transceiver with RGMII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
   Single-port Gigabit Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
   Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
   Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
730Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
logo
Micrel Semiconductor
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
   Gigabit Ethernet Transceiver with GMII / MII Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com