Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4421CM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC4421CM
Description  9A-Peak Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4421CM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC4421CM Datasheet HTML 4Page - Micrel Semiconductor MIC4421CM Datasheet HTML 5Page - Micrel Semiconductor MIC4421CM Datasheet HTML 6Page - Micrel Semiconductor MIC4421CM Datasheet HTML 7Page - Micrel Semiconductor MIC4421CM Datasheet HTML 8Page - Micrel Semiconductor MIC4421CM Datasheet HTML 9Page - Micrel Semiconductor MIC4421CM Datasheet HTML 10Page - Micrel Semiconductor MIC4421CM Datasheet HTML 11Page - Micrel Semiconductor MIC4421CM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC4421/4422
Micrel, Inc.
M9999-081005
10
August 2005
MIC4421
1
8
6, 7
5
4
+18 V
0.1µF
0.1µF
TEK CURRENT
PROBE 6302
10,000 pF
POLYCARBONATE
5.0V
0 V
18 V
0 V
WIMA
MK22
1 µF
2
Figure 6. Peak Output Current Test Circuit


Similar Part No. - MIC4421CM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421CM MICREL-MIC4421CM Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421CM MICREL-MIC4421CM Datasheet
237Kb / 12P
   9A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4421CM MIC-MIC4421CM Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4421CM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421_05 Datasheet
237Kb / 12P
   9A-Peak Low-Side MOSFET Driver
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
IXYS Corporation
IX4351NE IXYS-IX4351NE Datasheet
284Kb / 10P
   9A Low Side SiC MOSFET & IGBT Driver
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
   6A-Peak Low-Side MOSFET Driver
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420 MICREL-MIC4420_05 Datasheet
228Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com