Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8721BL Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # KSZ8721BL
Description  3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8721BL Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button KSZ8721BL Datasheet HTML 2Page - Micrel Semiconductor KSZ8721BL Datasheet HTML 3Page - Micrel Semiconductor KSZ8721BL Datasheet HTML 4Page - Micrel Semiconductor KSZ8721BL Datasheet HTML 5Page - Micrel Semiconductor KSZ8721BL Datasheet HTML 6Page - Micrel Semiconductor KSZ8721BL Datasheet HTML 7Page - Micrel Semiconductor KSZ8721BL Datasheet HTML 8Page - Micrel Semiconductor KSZ8721BL Datasheet HTML 9Page - Micrel Semiconductor KSZ8721BL Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
KS8721BL/SL
Micrel
M9999-051704
6
May 2004
Pin Description
Pin Number
Pin Name
Type(1)
Pin Function
1
MDIO
I/O
Management Independent Interface (MII) Data I/O. This pin requires an external
10K pull-up resistor.
2
MDC
I
MII Clock Input. This pin is synchronous to the MDIO.
3
RXD3/
Ipd/O
MII Receive Data Output. RXD [3..0], these bits are synchronous with RXCLK.
PHYAD
When RXDV is asserted, RXD [3..0] presents valid data to MAC through the MII.
RXD [3..0] is invalid when RXDV is de-asserted.
During reset, the pull-up/pull-down value is latched as PHYADDR [1]. See
“Strapping Options” section for details.
4
RXD2/
Ipd/O
MII Receive Data Output.
PHYAD2
During reset, the pull-up/pull-down value is latched as PHYADDR[2]. See
“Strapping Options” section for details.
5
RXD1/
Ipd/O
MII Receive Data Output.
PHYAD3
During reset, the pull-up/pull-down value is latched as PHYADDR [3]. See
“Strapping Options” section for details.
6
RXD0/
Ipd/O
MII Receive Data Output.
PHYAD4
During reset, the pull-up/pull-down value is latched as PHYADDR [4]. See
“Strapping Options” section for details.
7
VDDIO
P
Digital IO 2.5 /3.3V tolerant power supply. 3.3V power Input of voltage
regulator. See “Circuit Design Ref. for Power Supply" section for details.
8
GND
GND
Ground.
9
RXDV/
Ipd/O
MII Receive Data Valid Output.
CRSDV/
During reset, the pull-up/pull-down value is latched as PCS_LPBK. See
PCS_LPBK
“Strapping Options” section for details.
10
RXC
O
MII Receive Clock Output. Operating at 25MHz = 100Mbps, 2.5MHz = 10Mbps.
11
RXER/ISO
Ipd/O
MII Receive Error Output.
During reset, the pull-up/pull-down value is latched as ISOLATE during reset. See
“Strapping Options” section for details.
12
GND
GND
Ground.
13
VDDC
P
Digital core 2.5V only power supply. See “Circuit Design Ref. for Power Supply"
section for details.
14
TXER
Ipd
MII Transmit Error Input.
15
TXC/
I/O
MII Transmit Clock Output.
REFCLK
Input for crystal or an external 50MHz clock. When REFCLK pin is used for
REF clock interface, pull up XI to VDDPLL 2.5V via 10k
Ω resistor and leave
XO pin unconnected.
16
TXEN
Ipd
MII Transmit Enable Input.
17
TXD0
Ipd
MII Transmit Data Input.
18
TXD1
Ipd
MII Transmit Data Input.
Notes:
1. P = Power supply.
GND = Ground.
I = Input.
I/O = Bidirectional.
Ipd = Input w/ internal pull-down.
Ipd/O = Input w/ internal pull-down during reset, output pin otherwise.
Ipu = Input w/ internal pull-up.
Ipu/O = Input w/ internal pull-up during reset, output pin otherwise.
O = Output.


Similar Part No. - KSZ8721BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8721BL MICREL-KSZ8721BL Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
logo
Micrel Semiconductor
KSZ8721BLI MICREL-KSZ8721BLI Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BLI-TR MICROCHIP-KSZ8721BLI-TR Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
More results

Similar Description - KSZ8721BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8001SL MICREL-KSZ8001SL Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com