Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4421YN Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4421YN
Description  9A-Peak Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4421YN Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4421YN Datasheet HTML 2Page - Micrel Semiconductor MIC4421YN Datasheet HTML 3Page - Micrel Semiconductor MIC4421YN Datasheet HTML 4Page - Micrel Semiconductor MIC4421YN Datasheet HTML 5Page - Micrel Semiconductor MIC4421YN Datasheet HTML 6Page - Micrel Semiconductor MIC4421YN Datasheet HTML 7Page - Micrel Semiconductor MIC4421YN Datasheet HTML 8Page - Micrel Semiconductor MIC4421YN Datasheet HTML 9Page - Micrel Semiconductor MIC4421YN Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC4421/4422
Micrel, Inc.
M9999-081005
6
August 2005
4
6
8
10 12 14 16 18
50
40
30
20
0
SUPPLY VOLTAGE (V)
Propagation Delay
vs. Supply Voltage
10
tD2
tD1
0
2
4
6
8
10
120
110
100
70
60
50
40
30
20
10
0
INPUT (V)
Propagation Delay
vs. Input Amplitude
80
90
tD2
tD1
VS = 10V
-40
0
40
80
120
1000
100
10
TEMPERATURE (°C)
Quiescent Supply Current
vs. Temperature
INPUT = 0
INPUT = 1
VS = 18V
4
6
8
10 12 14 16 18
2.4
2.2
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
SUPPLY VOLTAGE (V)
High-State Output Resist.
vs. Supply Voltage
1.6
1.8
TJ = 25°C
TJ = 150°C
4
6
8
10 12 14 16 18
2.4
2.2
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
SUPPLY VOLTAGE (V)
Low-State Output Resist.
vs. Supply Voltage
1.6
1.8
TJ = 25°C
TJ = 150°C
-40
0
40
80
120
50
40
30
20
10
0
TEMPERATURE (°C)
Propagation Delay
vs. Temperature
tD2
tD1
Typical Characteristics


Similar Part No. - MIC4421YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MICREL-MIC4421 Datasheet
237Kb / 12P
   9A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
More results

Similar Description - MIC4421YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421_05 Datasheet
237Kb / 12P
   9A-Peak Low-Side MOSFET Driver
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
IXYS Corporation
IX4351NE IXYS-IX4351NE Datasheet
284Kb / 10P
   9A Low Side SiC MOSFET & IGBT Driver
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
   6A-Peak Low-Side MOSFET Driver
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420 MICREL-MIC4420_05 Datasheet
228Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com