Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1946 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF1946
Description  RF POWER TRANSISTORS NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1946 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF1946 Datasheet HTML 1Page - Motorola, Inc MRF1946 Datasheet HTML 2Page - Motorola, Inc MRF1946 Datasheet HTML 3Page - Motorola, Inc MRF1946 Datasheet HTML 4Page - Motorola, Inc MRF1946 Datasheet HTML 5Page - Motorola, Inc MRF1946 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF1946 MRF1946A
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Supply Voltage
Figure 6. Output Power versus Supply Voltage
Figure 7. Output Power versus Supply Voltage
60
Pin, INPUT POWER (WATTS)
0
48
36
24
12
0
1
2
3
4
5
50
230
210
190
170
150
130
f, FREQUENCY (MHz)
40
30
20
10
0
50
40
30
20
10
5
VCC, SUPPLY VOLTAGE (VOLTS)
6
7
8
9
10
11
12
13
14
15
50
40
30
20
10
5
VCC, SUPPLY VOLTAGE (VOLTS)
6
7
8
9
10
11
12
13
14
15
50
40
30
20
10
5
VCC, SUPPLY VOLTAGE (VOLTS)
6
7
8
9
10
11
12
13
14
15
50
40
30
20
10
5
VCC, SUPPLY VOLTAGE (VOLTS)
6
7
8
9
10
11
12
13
14
15
VCC = 12.5 V
f = 136 MHz
150 MHz
175 MHz
220 MHz
3 W
2 W
1 W
VCC = 12.5 V
Pin = 4 W
Pin = 4 W
3 W
2 W
1 W
Pin = 4 W
3 W
2 W
1 W
Pin = 4 W
3 W
2 W
1 W
Pin = 4 W
3 W
2 W
1 W
f = 220 MHz
f = 175 MHz
f = 150 MHz
f = 136 MHz


Similar Part No. - MRF1946

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF1946 ASI-MRF1946 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF1946A ASI-MRF1946A Datasheet
33Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MRF1946

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6082 NJSEMI-2N6082 Datasheet
83Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF401 MOTOROLA-MRF401 Datasheet
497Kb / 3P
   NPN SILICON RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6083 NJSEMI-2N6083 Datasheet
130Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF314 MACOM-MRF314 Datasheet
200Kb / 5P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
MRF652 NJSEMI-MRF652 Datasheet
81Kb / 1P
   NPN Silicon RF Power Transistors
logo
Motorola, Inc
MRF421 MOTOROLA-MRF421 Datasheet
102Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
MRF891 MOTOROLA-MRF891 Datasheet
116Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
MRF240 MOTOROLA-MRF240 Datasheet
129Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com