Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR-1632 Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # CR-1632
Description  Manganese Dioxide Lithium Coin Batteries: Individual Specifications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

CR-1632 Datasheet(HTML) 1 Page - Panasonic Battery Group

  CR-1632 Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AUGUST 2005
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
CR2012
Duration(h)
Load
Load:
20
10
5
3
2
1
0.5
0.3
0.1
0.2
0.3 0.4
0.6
1
2
4
6
8 10
3
3.2
3.0
2.8
2.6
2.4
2.2
(M
Ω)
(
µA)
60˚C
20˚C
-10˚C
~
~
Load:
Cut-off Voltage: 2.0V
2
1
0.5
0.3
0.2
0.1
0.05
0.03
12
3
4
6
10
20
30 40
60
100
60
50
40
30
20
10
(k
Ω)
(mA)
20˚C
■ Capacity vs. load resistance
■ Dimensions(mm)
■ Specification
■ Temperature Characteristics
■ Operating voltage vs. load resistance (voltage at 50% discharge depth)
Weight:1.4g
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
55
0.1
-30 ~ +60
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1632
Duration (h)
Load: 15k
Ω (190µA)
0
200
300
400
600
700
800
500
100
3.0
2.5
2.0
20˚C
60˚C
-10˚C
~
~
Load:
2
1
0.5
0.3
0.2
0.1
0.05 0.03
12
3
4
6
10
20
100
30
3.2
3.0
2.8
2.6
2.4
2.2
(k
Ω)
(mA)
60˚C
-10˚C
20˚C
~
~
Load:
Cut-off Voltage: 2.0V
2
1
0.5
0.3 0.2
0.1
0.05 0.03
12
3
4
6
10
20
40
60 100
30
150
125
100
75
50
25
0
(k
Ω)
(mA)
60˚C
20˚C
■ Capacity vs. load resistance
■ Dimensions(mm)
■ Specification
■ Temperature Characteristics
■ Operating voltage vs. load resistance (voltage at 50% discharge depth)
Weight:1.8g
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
140
0.1
-30 ~ +60


Similar Part No. - CR-1632

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CR-10-50 MERRIMAC-CR-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CR-10-500 MERRIMAC-CR-10-500 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
logo
Tyco Electronics
CR-100-LSR MACOM-CR-100-LSR Datasheet
5Mb / 85P
   tyco electronics contents
CR-101-LSR MACOM-CR-101-LSR Datasheet
5Mb / 85P
   tyco electronics contents
CR-105-LSR MACOM-CR-105-LSR Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - CR-1632

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
CR1632 PANASONICBATTERY-CR1632 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2450 PANASONICBATTERY-CR2450 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1216 PANASONICBATTERY-CR1216 Datasheet
54Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2025 PANASONICBATTERY-CR2025 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1616 PANASONICBATTERY-CR1616 Datasheet
52Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2354 PANASONICBATTERY-CR2354 Datasheet
63Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Semiconductor
CR2032 PANASONIC-CR2032 Datasheet
62Kb / 1P
   Manganese Dioxide Lithium Coin Batteries : Individual Specifications
logo
Panasonic Battery Group
CR3032 PANASONICBATTERY-CR3032 Datasheet
31Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2032 PANASONICBATTERY-CR2032 Datasheet
62Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Semiconductor
CR1632 PANASONIC-CR1632 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com