Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBM-25P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DBM-25P
Description  Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBM-25P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DBM-25P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DBM-25P
Our Catalog Part Number: DBM-25P
Our Global Manufacturing Part Number: 053513-0022
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
Product Datasheet
General
D*M High reliable D-Sub Connectors
Wire Gauge Range AWG
AWG 20-28
Mating Cycles
200
Contact Arrangement
25 contacts size 20
Dielectric Withstanding Voltage
1000 VAC at sea level
Current Rating
7.5 A max
Contact Resistance
7.5 milli Ohm max
Operating Temperature
-55°/+125°
Salt Spray Test
20 hours
Shell Material
steel
Shell Finish
Yellow chromate over zinc
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Pin
Contact Type
Solder Pot
Contact Material
copper alloy
Contact Finish
gold over nickel
Hardware
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - DBM-25P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBM-25P-L-NMBK52 ITT-DBM-25P-L-NMBK52 Datasheet
35Kb / 1P
   Datasheet for part number DBM-25PL-NMB-K52
DBM-25P-NMB-K52 ITT-DBM-25P-NMB-K52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM-25P-NMC-K52 ITT-DBM-25P-NMC-K52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBM-25PL-NMB-K52 ITT-DBM-25PL-NMB-K52 Datasheet
35Kb / 1P
   Datasheet for part number DBM-25PL-NMB-K52
More results

Similar Description - DBM-25P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DEMM-9SE ETC2-DEMM-9SE Datasheet
36Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DCM-37P-P ETC2-DCM-37P-P Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
logo
ITT Industries
DBU-25P-K87-F0 ITT-DBU-25P-K87-F0 Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
logo
List of Unclassifed Man...
DCMM8W8PK87 ETC2-DCMM8W8PK87 Datasheet
34Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DAM11W1P ETC2-DAM11W1P Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBMC-13X3SJ-K126 ETC2-DBMC-13X3SJ-K126 Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
logo
ITT Industries
DAM11W1S ITT-DAM11W1S Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
logo
List of Unclassifed Man...
DCM17W5S ETC2-DCM17W5S Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCU-37P ETC2-DCU-37P Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
logo
ITT Industries
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com