Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3TC4417-0BP0 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # 3TC4417-0BP0
Description  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3TC4417-0BP0 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  3TC4417-0BP0 Datasheet HTML 1Page - Siemens Semiconductor Group 3TC4417-0BP0 Datasheet HTML 2Page - Siemens Semiconductor Group 3TC4417-0BP0 Datasheet HTML 3Page - Siemens Semiconductor Group 3TC4417-0BP0 Datasheet HTML 4Page - Siemens Semiconductor Group 3TC4417-0BP0 Datasheet HTML 5Page - Siemens Semiconductor Group 3TC4417-0BP0 Datasheet HTML 6Page - Siemens Semiconductor Group 3TC4417-0BP0 Datasheet HTML 7Page - Siemens Semiconductor Group 3TC4417-0BP0 Datasheet HTML 8Page - Siemens Semiconductor Group 3TC4417-0BP0 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
3RT, 3RH, 3TB, 3TC, 3TH, 3TK Contactors for Special Applications
Contactors with Extended Tolerance 0.7 ... 1.25 x
, for Railway Applications
3RT10 motor contactors, 5.5 ... 45 kW
3/71
Siemens LV 1 · 2006
1) Auxiliary switch blocks mountable as standard contactors.
DC operation · DC solenoid system
Screw terminals
For screw and snap-on mounting onto standard mounting rail
Contactor control unit
Solenoid fitted with varistor
Rated data
AC-2 and AC-3
Tu: up to 70 °C
Auxiliary contacts1)
Rated control
supply voltage
Us
DT
Screw terminals
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Rated
operational
current Ie at
Rating of
induction
motors at 50 Hz
Order No.
Price
per PU
Ident.
No.
Version
400 V
400 V
AkW
NO
NC
V DC
kg
For screw and snap-on mounting onto
35 mm standard mounting rail
Size S0
17
7.5
--
--
--
24
B
3RT10 25-1XB40-0LA2
1
1 unit
101
0.625
--
--
--
110
B
3RT10 25-1XF40-0LA2
1
1 unit
101
0.340
25
11
--
--
--
24
B
3RT10 26-1XB40-0LA2
1
1 unit
101
0.627
--
--
--
110
B
3RT10 26-1XF40-0LA2
1
1 unit
101
0.445
Size S2
32
15
--
--
--
24
B
3RT10 34-1XB40-0LA2
1
1 unit
101
1.432
--
--
--
110
B
3RT10 34-1XF40-0LA2
1
1 unit
101
1.505
40
18.5
--
--
--
24
B
3RT10 35-1XB40-0LA2
1
1 unit
101
1.491
--
--
--
110
B
3RT10 35-1XF40-0LA2
1
1 unit
101
1.432
50
22
--
--
--
24
B
3RT10 36-1XB40-0LA2
1
1 unit
101
1.491
--
--
--
110
B
3RT10 36-1XF40-0LA2
1
1 unit
101
1.432
For screw and snap-on mounting onto
35 mm and 75 mm standard mounting rail
Size S3
65
30
--
--
--
24
B
3RT10 44-1XB40-0LA2
1
1 unit
101
2.864
--
--
--
110
B
3RT10 44-1XF40-0LA2
1
1 unit
101
2.775
80
37
--
--
--
24
B
3RT10 45-1XB40-0LA2
1
1 unit
101
2.871
--
--
--
110
B
3RT10 45-1XF40-0LA2
1
1 unit
101
2.720
95
45
--
--
--
24
B
3RT10 46-1XB40-0LA2
1
1 unit
101
2.913
--
--
--
110
B
3RT10 46-1XF40-0LA2
1
1 unit
101
2.913
Us
* You can order this quantity or a multiple thereof.


Similar Part No. - 3TC4417-0BP0

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
3TC SENSATA-3TC Datasheet
138Kb / 3P
   15–35 Amp, Single–Phase, Miniature Ambient Compensated
More results

Similar Description - 3TC4417-0BP0

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
   PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
   Interface Connector for Railway Applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
   CO2 Sensor for Railway Applications
08-2023
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-72UC PHOENIX-PLC-RPT-72UC Datasheet
80Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
   Designed for Extended Hold-Up Applications
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
J426 PULSE-J426 Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com