Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3TC7814-0EF Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # 3TC7814-0EF
Description  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3TC7814-0EF Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button 3TC7814-0EF Datasheet HTML 7Page - Siemens Semiconductor Group 3TC7814-0EF Datasheet HTML 8Page - Siemens Semiconductor Group 3TC7814-0EF Datasheet HTML 9Page - Siemens Semiconductor Group 3TC7814-0EF Datasheet HTML 10Page - Siemens Semiconductor Group 3TC7814-0EF Datasheet HTML 11Page - Siemens Semiconductor Group 3TC7814-0EF Datasheet HTML 12Page - Siemens Semiconductor Group 3TC7814-0EF Datasheet HTML 13Page - Siemens Semiconductor Group 3TC7814-0EF Datasheet HTML 14Page - Siemens Semiconductor Group 3TC7814-0EF Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
3RH, 3TH Contactor Relays
3RH1 contactor relays, 4- and 8-pole
3/81
Siemens LV 1 · 2006
1) Coil operating range
at 50 Hz: 0.8 to 1.1 x Us
at 60 Hz: 0.85 to 1.1 x Us.
2) Coil operating range
at 50/60 Hz: 0.85 to 1.1 x Us
at 60 Hz: 0.8 to 1.1 x Us.
3) Coil operating range
at 50 Hz: 0.85 to 1.1 x Us
at 60 Hz: 0.8 to 1.1 x Us.
Contactor
Type
3RH11
Rated control supply voltages (the 10th and 11th position of the order number must be changed)
AC operation
DC operation
Coils for AC 50 and 60 Hz
Rated control supply
voltage Us
Control supply voltage at
Rated control supply voltage Us
V AC
50/60 Hz1)
V AC
60 Hz
Option
V DC
Option
24
--
B0
12
A4
42
--
D0
24
B4
48
--
H0
42
D4
110
--
F0
48
W4
220
--
N2
60
E4
230
--
P0
110
F4
400
--
V0
125
G4
220
M4
230
P4
For Japan2)
100
110
G6
200
220
N6
400
440
R6
For USA and Canada3)
V AC
50 Hz
V AC
60 Hz
110
120
K6
220
240
P6


Similar Part No. - 3TC7814-0EF

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
3TC SENSATA-3TC Datasheet
138Kb / 3P
   15–35 Amp, Single–Phase, Miniature Ambient Compensated
More results

Similar Description - 3TC7814-0EF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
   PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
   Interface Connector for Railway Applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
   CO2 Sensor for Railway Applications
08-2023
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-72UC PHOENIX-PLC-RPT-72UC Datasheet
80Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
   Designed for Extended Hold-Up Applications
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
J426 PULSE-J426 Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com