Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQS4410 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQS4410
Description  Single N-Channel, Logic Level, Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQS4410 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQS4410 Datasheet HTML 1Page - Fairchild Semiconductor FQS4410 Datasheet HTML 2Page - Fairchild Semiconductor FQS4410 Datasheet HTML 3Page - Fairchild Semiconductor FQS4410 Datasheet HTML 4Page - Fairchild Semiconductor FQS4410 Datasheet HTML 5Page - Fairchild Semiconductor FQS4410 Datasheet HTML 6Page - Fairchild Semiconductor FQS4410 Datasheet HTML 7Page - Fairchild Semiconductor FQS4410 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A, May 2000
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
※ Not e s :
1 . Z
θ JA(t ) = 5 0
℃ /W M a x .
2 . D u t y F a c t o r , D = t
1 /t 2
3 . T
JM
- T
A
= P
DM
* Z
θ JA(t )
sin g le pu ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 ,
S quar e W a v e P u l s e D u r a t i on [ s e c ]
25
50
75
100
125
150
0
2
4
6
8
10
12
T
C, Case Temperature [
℃]
10
-1
10
0
10
1
10
-1
10
0
10
1
10
2
100 ms
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
※ Note :
1. V
GS = 10 V
2. I
D = 10 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Note :
1. V
GS = 0 V
2. I
D = 250
μA
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage vs. Temperature
Figure 8. On-Resistance vs. Temperature
Figure 11. Thermal Response


Similar Part No. - FQS4410

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQS4900 FAIRCHILD-FQS4900 Datasheet
1Mb / 9P
   Dual N & P-Channel, Logic Level MOSFET
FQS4901 FAIRCHILD-FQS4901 Datasheet
723Kb / 8P
   400V Dual N-Channel MOSFET
FQS4901 FAIRCHILD-FQS4901 Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4903 FAIRCHILD-FQS4903 Datasheet
734Kb / 8P
   500V Dual N-Channel MOSFET
More results

Similar Description - FQS4410

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
logo
List of Unclassifed Man...
CMT60N03 ETC-CMT60N03 Datasheet
307Kb / 8P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT70N03 ETC1-CMT70N03 Datasheet
208Kb / 4P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT60N06 ETC-CMT60N06 Datasheet
277Kb / 8P
   N-CHANNEL Logic Level POWER MOSFET
logo
Champion Microelectroni...
CMT60N03G CHAMP-CMT60N03G Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
CMT60N06G CHAMP-CMT60N06G Datasheet
478Kb / 7P
   N-CHANNEL Logic Level Power MOSFET
logo
Fairchild Semiconductor
RFD3055LESM9A FAIRCHILD-RFD3055LESM9A Datasheet
1Mb / 8P
   N-Channel Logic Level Power MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
SI4822DY FAIRCHILD-SI4822DY Datasheet
94Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com