Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQS4900 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQS4900
Description  Dual N & P-Channel, Logic Level MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQS4900 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQS4900 Datasheet HTML 1Page - Fairchild Semiconductor FQS4900 Datasheet HTML 2Page - Fairchild Semiconductor FQS4900 Datasheet HTML 3Page - Fairchild Semiconductor FQS4900 Datasheet HTML 4Page - Fairchild Semiconductor FQS4900 Datasheet HTML 5Page - Fairchild Semiconductor FQS4900 Datasheet HTML 6Page - Fairchild Semiconductor FQS4900 Datasheet HTML 7Page - Fairchild Semiconductor FQS4900 Datasheet HTML 8Page - Fairchild Semiconductor FQS4900 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2000 Fairchild Semiconductor International
Rev. A, August 2000
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
0. 01
※ N o te s :
1 . Z
θ
JC( t ) =
62. 5 ℃ /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM
- T
C
= P
DM
* Z
θ
JC (t )
s ingle p u ls e
D= 0 . 5
0. 02
0. 2
0. 05
0. 1
t
1 , S quar e W a v e P u l s e
D u r a t ion [s ec ]
25
50
75
100
125
150
0.0
0.3
0.6
0.9
1.2
1.5
T
C, Case Temperature [
℃]
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
1 ms
100 ms
1 s
DC
10 s
10 ms
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
※ Notes :
1. V
GS = 10 V
2. I
D = 0.65 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D = 250
μ A
T
J
, Junction Temperature [
o
C]
Typical Characteristics : N-Channel (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t2


Similar Part No. - FQS4900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQS4901 FAIRCHILD-FQS4901 Datasheet
723Kb / 8P
   400V Dual N-Channel MOSFET
FQS4901 FAIRCHILD-FQS4901 Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4903 FAIRCHILD-FQS4903 Datasheet
734Kb / 8P
   500V Dual N-Channel MOSFET
logo
List of Unclassifed Man...
FQS4903TF ETC2-FQS4903TF Datasheet
740Kb / 8P
   Low Css (typical 4.5 pF)
More results

Similar Description - FQS4900

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KQS4900 KEXIN-KQS4900 Datasheet
58Kb / 2P
   Dual N & P-Channel, Logic Level MOSFET
logo
Fairchild Semiconductor
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6975 FAIRCHILD-FDS6975 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
logo
Analog Power
AM3904N ANALOGPOWER-AM3904N Datasheet
240Kb / 5P
   Dual N-Channel Logic Level MOSFET
AM3902N ANALOGPOWER-AM3902N Datasheet
239Kb / 5P
   Dual N-Channel Logic Level MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA5S6JA NIKOSEM-PA5S6JA Datasheet
358Kb / 4P
   Dual N-Channel Logic Level MOSFET
REV 1.0
logo
Fairchild Semiconductor
FDC6506P FAIRCHILD-FDC6506P Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
SI4925DY FAIRCHILD-SI4925DY Datasheet
70Kb / 5P
   Dual P-Channel, Logic Level, PowerTrench MOSFET
FDR8508P FAIRCHILD-FDR8508P Datasheet
274Kb / 8P
   Dual P-Channel, Logic Level, PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com