Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH180N-WG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH180N-WG-7
Description  MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH180N-WG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH180N-WG-7 Datasheet HTML 1Page - Diodes Incorporated AH180N-WG-7 Datasheet HTML 2Page - Diodes Incorporated AH180N-WG-7 Datasheet HTML 3Page - Diodes Incorporated AH180N-WG-7 Datasheet HTML 4Page - Diodes Incorporated AH180N-WG-7 Datasheet HTML 5Page - Diodes Incorporated AH180N-WG-7 Datasheet HTML 6Page - Diodes Incorporated AH180N-WG-7 Datasheet HTML 7Page - Diodes Incorporated AH180N-WG-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AH180N
Document number: DS32174 Rev. 4 - 2
2 of 8
www.diodes.com
August 2012
© Diodes Incorporated
AH180N
Typical Applications Circuit
AH180N
2.5V to 5.5V
OUTPUT
GND
RL
C
Note: C is for power stabilization and to strengthen the noise immunity , the recommended capacitance is 10nF ~ 100nF.
RL is the pull-up resistor, the recommended resistance is 10kOhm ~ 100kOhm.
VDD
Pin Descriptions
Functional Block Diagram
Pin Name
P/I/O
Function
VDD
P/I
Power Supply Input
GND
P/I
Ground
Output
O
Output Pin


Similar Part No. - AH180N-WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180N-WG-7 DIODES-AH180N-WG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results

Similar Description - AH180N-WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N DIODES-AH180N Datasheet
194Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1810 DIODES-AH1810 Datasheet
162Kb / 7P
   HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812 Datasheet
300Kb / 8P
   HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9251 DIODES-AH9251 Datasheet
447Kb / 10P
   MEDIUM SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com