Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF20030 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MRF20030
Description  RF POWER TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF20030 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MRF20030 Datasheet HTML 2Page - Motorola, Inc MRF20030 Datasheet HTML 3Page - Motorola, Inc MRF20030 Datasheet HTML 4Page - Motorola, Inc MRF20030 Datasheet HTML 5Page - Motorola, Inc MRF20030 Datasheet HTML 6Page - Motorola, Inc MRF20030 Datasheet HTML 7Page - Motorola, Inc MRF20030 Datasheet HTML 8Page - Motorola, Inc MRF20030 Datasheet HTML 9Page - Motorola, Inc MRF20030 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MRF20030
8
MOTOROLA RF DEVICE DATA
Table 1. Common Emitter S–Parameters at VCE = 24 Vdc, IC = 1.8 Adc
f
GH
S11
S21
S12
S22
GHz
|S11|
∠ f
|S21|
∠ f
|S12|
∠ f
|S22|
∠ f
1.5
.964
158
.65
74
.046
60
.859
161
1.55
.960
156
.74
68
.047
56
.841
161
1.6
.952
155
.87
60
.049
53
.815
160
1.65
.933
153
1.05
50
.048
46
.787
161
1.7
.892
149
1.32
35
.047
40
.744
163
1.75
.804
149
1.64
13
.040
29
.719
168
1.8
.727
157
1.78
–18
.026
21
.778
175
1.85
.787
163
1.50
–50
.015
54
.883
174
1.9
.873
163
1.14
–73
.020
81
.937
171
1.95
.921
160
.84
–89
.026
88
.949
168
2
.941
157
.62
–102
.031
93
.950
165
2.05
.943
155
.48
–109
.036
93
.946
164
2.1
.940
153
.38
–118
.040
92
.942
163
2.15
.928
151
.30
–127
.042
97
.939
162
2.2
.917
150
.24
–133
.049
99
.935
161
2.25
.907
150
.20
–140
.056
101
.933
160
2.3
.888
148
.17
–150
.066
100
.926
159
2.35
.861
148
.14
–159
.077
98
.916
157
2.4
.853
149
.11
–167
.087
92
.909
157
2.45
.860
146
.10
–176
.095
89
.900
155
2.5
.880
146
.10
156
.119
84
.880
155


Similar Part No. - MRF20030

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRF200 BEL-MRF200 Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
MRF200 BEL-MRF200 Datasheet
1Mb / 4P
   TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
logo
Motorola, Inc
MRF20060 MOTOROLA-MRF20060 Datasheet
109Kb / 10P
   RF POWER BROADBAND NPN BIPOLAR
MRF20060S MOTOROLA-MRF20060S Datasheet
109Kb / 10P
   RF POWER BROADBAND NPN BIPOLAR
More results

Similar Description - MRF20030

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM0912-300 ASI-AM0912-300 Datasheet
36Kb / 2P
   RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6080 NJSEMI-2N6080 Datasheet
239Kb / 2P
   RF POWER TRANSISTOR
logo
Motorola, Inc
MRF412 MOTOROLA-MRF412 Datasheet
149Kb / 4P
   RF POWER TRANSISTOR
logo
Advanced Semiconductor
AM0912-080 ASI-AM0912-080 Datasheet
101Kb / 2P
   RF POWER TRANSISTOR
logo
Motorola, Inc
MRF848 MOTOROLA-MRF848 Datasheet
107Kb / 3P
   RF POWER TRANSISTOR
logo
Advanced Semiconductor
TAN250A ASI-TAN250A Datasheet
23Kb / 1P
   RF POWER TRANSISTOR
logo
Motorola, Inc
MRF15030 MOTOROLA-MRF15030 Datasheet
158Kb / 8P
   RF POWER TRANSISTOR
MRF15090 MOTOROLA-MRF15090 Datasheet
210Kb / 8P
   RF POWER TRANSISTOR
logo
Mitsubishi Electric Sem...
2SC2312 MITSUBISHI-2SC2312 Datasheet
93Kb / 2P
   RF POWER TRANSISTOR
logo
Advanced Semiconductor
SRF1136 ASI-SRF1136 Datasheet
22Kb / 1P
   NPN RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com