Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV23AQ-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV23AQ-13-F
Description  SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV23AQ-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV23AQ-13-F Datasheet HTML 1Page - Diodes Incorporated BAV23AQ-13-F Datasheet HTML 2Page - Diodes Incorporated BAV23AQ-13-F Datasheet HTML 3Page - Diodes Incorporated BAV23AQ-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV23A/C/S
Document number: DS30042 Rev. 15 - 2
2 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAV23A/C/S
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
141
V
Forward Continuous Current (Note 4)
IFM
400
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 100
μs
@ t = 10ms
IFSM
9.0
3.0
1.7
A
Repetitive Peak Forward Surge Current (Note 4)
IFRM
625
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 4)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
250
V
IR = 100μA
Forward Voltage
VF
1.0
V
IF = 100mA
1.25
IF = 200mA
Reverse Current (Note 5)
IR
100
nA
VR = 200V, TJ = 25°C
100
μA
VR = 200V, TJ = 150°C
Total Capacitance
CT
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
5. Short duration pulse test used to minimize self-heating effect.
0120
200
500
400
300
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve, Total Package
A
°
Note 4
200
100
40
80
160
0.001
0.01
0.1
1
0
0.4
0.2
0. 6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
0.8
1.2
1.0
1.4


Similar Part No. - BAV23AQ-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23AQ-13-F DIODES-BAV23AQ-13-F Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
BAV23AQ-13-F DIODES-BAV23AQ-13-F Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
BAV23AQ-13-F DIODES-BAV23AQ-13-F Datasheet
373Kb / 5P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
August 2019 Rev. 2 - 2
More results

Similar Description - BAV23AQ-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD3004A DIODES-MMBD3004A_15 Datasheet
232Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
BAV23AQ DIODES-BAV23AQ Datasheet
373Kb / 5P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
August 2019 Rev. 2 - 2
BAS20DW DIODES-BAS20DW_15 Datasheet
90Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
BAV23A DIODES-BAV23A_15 Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD2004S DIODES-MMBD2004S_15 Datasheet
97Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
BAS21DWA DIODES-BAS21DWA Datasheet
388Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
January 2018 Rev. 9 - 2
MMBD3004A DIODES-MMBD3004A_16 Datasheet
325Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
BAS21TMQ DIODES-BAS21TMQ Datasheet
370Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
BAV23C-7 DIODES-BAV23C-7 Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD2004SW DIODES-MMBD2004SW_15 Datasheet
156Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com