Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTCCL05H760HYE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCCL05H760HYE
Description  265 V PTC Thermistors For Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL05H760HYE Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCCL05H760HYE Datasheet HTML 1Page - Vishay Siliconix PTCCL05H760HYE Datasheet HTML 2Page - Vishay Siliconix PTCCL05H760HYE Datasheet HTML 3Page - Vishay Siliconix PTCCL05H760HYE Datasheet HTML 4Page - Vishay Siliconix PTCCL05H760HYE Datasheet HTML 5Page - Vishay Siliconix PTCCL05H760HYE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29087
26
Revision: 18-Aug-09
2381 66. 5...3/PTCCL..H...HBE
Vishay BCcomponents
265 V PTC Thermistors
For Overload Protection
Notes
(1) The thermistors are clamped at the seating plane
(2) Imax. is the maximum overload current that may flow through the PTC when it passes from the low ohmic to the high ohmic state.
UL approval: Imax. x 0.75
(3) Not UL approved
Notes
• For bulk parts replace x by “5” and y by “B”
• For taped on reel parts replace x by “6” and y by “T”
CURRENT DEVIATION AS A FUNCTION OF THE AMBIENT TEMPERATURE
ELECTRICAL DATA AND ORDERING INFORMATION for 2381 66. 5...3; max. voltage = 265 V (AC or DC) (1)
Int
MAX.
at 25 °C
(mA)
It
MIN.
at 25 °C
(mA)
R25
± 20 %
(
Ω)
I (2)
MAX.
at 25 °C
(mA)
Ires MAX.
at Vmax.
and 25 °C
(mA)
DISSIP.
FACTOR
(mW/K)
Ø D
MAX.
(mm)
CATALOG NUMBERS
BULK
TAPE ON REEL
11
17
3000
80
6.5
7.3
5
2381 660 51193
2381 660 61193
15
23
1900
110
6.5
7.3
5
2381 660 51593
2381 660 61593
19
29
1200
140
6.5
7.3
5
2381 660 51993
2381 660 61993
28
42
500
200
6.8
7.3
5
2381 660 52893
2381 660 62893
39
59
260
300
6.8
7.3
5
2381 660 53993
2381 660 63993
63
95
120
450
7
7.3
5
2381 660 56393
2381 660 66393
76
115
85
550
7
7.3
5
2381 660 57693
2381 660 67693
95
143
56
600
7
7.3
5
2381 660 59593
2381 660 69593
110
165
48
650
7.5
8.3
7
2381 661 51113
2381 661 61113
140
210
29
800
8
8.3
7
2381 661 51413
2381 661 61413
170
255
22
900
9
9
8.5
2381 661 51713
2381 661 61713
190
285
18
1000
9.5
9
8.5
2381 661 51913
2381 661 61913
210
315
17
1300
10
10.5
10.5
2381 662 52113
2381 662 62113
250
375
12
1500
11
10.5
10.5
2381 662 52513
2381 662 62513
280
420
11
1800
12
11.7
12.5
2381 662 52813
2381 662 62813
320
480
8.4
2200
13
11.7
12.5
2381 662 53213
2381 662 63213
400
600
6.6
3000
15
15.5
16.5
2381 663 54013
-
490
735
4.4
3500
16
15.5
16.5
2381 663 54913
-
590
855
4
4500
19.5
19.8
20.5
2381 664 55913
-
700
1050
2.8
5500
21
19.8
20.5
2381 664 57013
-
800
1200
2.1
5500
22.5
19.8
20.5
2381 664 58013 (3)
-
SAP AND 12NC PART NUMBERS
12NC
SAP CODING
12NC
SAP CODING
2381 660 x1193
PTCCL05H110HyE
2381 661 x1913
PTCCL09H191HyE
2381 660 x1593
PTCCL05H150HyE
2381 662 x2113
PTCCL11H211HyE
2381 660 x1993
PTCCL05H190HyE
2381 662 x2513
PTCCL11H251HyE
2381 660 x2893
PTCCL05H280HyE
2381 662 x2813
PTCCL13H281HyE
2381 660 x3993
PTCCL05H390HyE
2381 662 x3213
PTCCL13H321HyE
2381 660 x6393
PTCCL05H630HyE
2381 663 54013
PTCCL17H401HBE
2381 660 x7693
PTCCL05H760HyE
2381 663 54913
PTCCL17H491HBE
2381 660 x9593
PTCCL05H950HyE
2381 664 55913
PTCCL21H591HBE
2381 661 x1113
PTCCL07H111HyE
2381 664 57013
PTCCL21H701HBE
2381 661 x1413
PTCCL07H141HyE
2381 664 58013
PTCCL21H801HBE
2381 661 x1713
PTCCL09H171HyE
250
200
50
150
100
0
%
- 50
- 25
0
25
50
75
100
T
amb (°C)
I
nt
I
max
I
t


Similar Part No. - PTCCL05H760HYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H760HBE VISHAY-PTCCL05H760HBE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H760HBE VISHAY-PTCCL05H760HBE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H760HBE VISHAY-PTCCL05H760HBE Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL05H760HTE VISHAY-PTCCL05H760HTE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H760HTE VISHAY-PTCCL05H760HTE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
More results

Similar Description - PTCCL05H760HYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCCL-600V VISHAY-PTCCL-600V_V01 Datasheet
91Kb / 3P
   600 V / 1000 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com