Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTCCL05H950HYE Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PTCCL05H950HYE
Description  265 V PTC Thermistors For Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL05H950HYE Datasheet(HTML) 5 Page - Vishay Siliconix

  PTCCL05H950HYE Datasheet HTML 1Page - Vishay Siliconix PTCCL05H950HYE Datasheet HTML 2Page - Vishay Siliconix PTCCL05H950HYE Datasheet HTML 3Page - Vishay Siliconix PTCCL05H950HYE Datasheet HTML 4Page - Vishay Siliconix PTCCL05H950HYE Datasheet HTML 5Page - Vishay Siliconix PTCCL05H950HYE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 29087
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 18-Aug-09
29
2381 66. 5...3/PTCCL..H...HBE
265 V PTC Thermistors
For Overload Protection
Vishay BCcomponents
104
106
25 50 75 100 125 150 175 200 225
Temperature [°C]
107
0
250
103
105
108
2381 660 51193
PTCCL05H110HBE
2381 660 51593
PTCCL05H150HBE
2381 660 51993
PTCCL05H190HBE
2381 660 52893
PTCCL05H280HBE
102
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC
103
105
108
25 50 75 100 125 150 175 200 225
Temperature [°C]
106
0
250
104
107
2381 660 53993
PTCCL05H390HBE
2381 660 56393
PTCCL05H630HBE
2381 660 57693
PTCCL05H760HBE
2381 660 59593
PTCCL05H950HBE
102
10
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC
104
107
25 50 75 100 125 150 175 200 225
Temperature [°C]
105
0
250
103
106
2381 661 51113
PTCCL07H111HBE
2381 661 51413
PTCCL07H141HBE
2381 661 51713
PTCCL09H171HBE
2381 661 51913
PTCCL09H191HBE
10
1
102
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC
104
106
25 50 75 100 125 150 175 200 225
Temperature [°C]
105
0
250
103
2381 662 52113
PTCCL11H211HBE
2381 662 52513
PTCCL11H251HBE
2381 662 52813
PTCCL13H281HBE
2381 662 53213
PTCCL13H321HBE
10
1
102
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC
104
106
25 50 75 100 125 150 175 200 225
Temperature [°C]
105
0
250
103
2381 663 54013
PTCCL17H401HBE
2381 663 54913
PTCCL17H491HBE
10
1
102
104
106
25 50 75 100 125 150 175 200 225
Temperature [°C]
105
0
250
103
2381 664 57013
PTCCL21H701HBE
2381 664 58013
PTCCL21H801HBE
2381 664 55913
PTCCL21H591HBE
10
1
102
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC


Similar Part No. - PTCCL05H950HYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL05H950HTE VISHAY-PTCCL05H950HTE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
More results

Similar Description - PTCCL05H950HYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCCL-600V VISHAY-PTCCL-600V_V01 Datasheet
91Kb / 3P
   600 V / 1000 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com