Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21Q-13-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS21Q-13-F
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21Q-13-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS21Q-13-F Datasheet HTML 1Page - Diodes Incorporated BAS21Q-13-F Datasheet HTML 2Page - Diodes Incorporated BAS21Q-13-F Datasheet HTML 3Page - Diodes Incorporated BAS21Q-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS19 / BAS20 / BAS21
Document number: DS12004 Rev. 21 - 2
1 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAS19 / BAS20 / BAS21
SURFACE MOUNT FAST SWITCHING DIODE
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automated Insertion
For General Purpose Switching Applications
High Conductance
Lead, Halogen and Antimony Free, RoHS Compliant
“Green” Device (Notes 1 and 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Polarity: See Diagram
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Part Number
Qualification
Case
Packaging
BAS19-7-F
Commercial
SOT23
3,000/Tape & Reel
BAS20-7-F
Commercial
SOT23
3,000/Tape & Reel
BAS20-13-F
Commercial
SOT23
10,000/Tape & Reel
BAS20Q-13-F
Automotive
SOT23
10,000/Tape & Reel
BAS21-7-F
Commercial
SOT23
3,000/Tape & Reel
BAS21Q-7-F
Automotive
SOT23
3,000/Tape & Reel
BAS21-13-F
Commercial
SOT23
10,000/Tape & Reel
BAS21Q-13-F
Automotive
SOT23
10,000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2000
2001
2002
…..
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
L
M
N
…..
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
Top View
Internal Schematic
KXX = Product Type Marking Code
BAS19 Marking: KA8, KT3; KT2
BAS20 Marking: KT2, KT3
BAS21 Marking: KT3
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
KXX


Similar Part No. - BAS21Q-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21Q-13-F DIODES-BAS21Q-13-F Datasheet
90Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
BAS21Q-13-F DIODES-BAS21Q-13-F Datasheet
90Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
BAS21Q-13-F DIODES-BAS21Q-13-F Datasheet
290Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS21Q-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com