Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C2V7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AZ23C2V7
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ23C2V7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AZ23C2V7_13 Datasheet HTML 1Page - Diodes Incorporated AZ23C2V7_13 Datasheet HTML 2Page - Diodes Incorporated AZ23C2V7_13 Datasheet HTML 3Page - Diodes Incorporated AZ23C2V7_13 Datasheet HTML 4Page - Diodes Incorporated AZ23C2V7_13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AZ23C2V7 - AZ23C51
Document number: DS18003 Rev. 15 - 2
2 of 5
www.diodes.com
January 2013
© Diodes Incorporated
AZ23C2V7 - AZ23C51
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient Air (Note 6)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
6. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
Marking
Code
Zener
Voltage Range
(Note 7)
Maximum
Zener Impedance
f = 1kHz
Typical
Temperature
Coefficient
Min.
Reverse
Voltage (Note 7)
@ IZT = 5.0mA
ZZT @ IZT = 5.0mA
ZZK @ IZK = 1.0mA
@ IR = 0.1µA
VZ (Volts)
Ohms
Ohms
TC (%/°C)
VR (Volts)
AZ23C2V7
D1
2.5 - 2.9
83
500
-0.065
AZ23C3V0
D2
2.8 - 3.2
95
500
-0.060
AZ23C3V3
D3
3.1 - 3.5
95
500
-0.055
AZ23C3V6
D4
3.4 - 3.8
95
500
-0.055
AZ23C3V9
D5
3.7 - 4.1
95
500
-0.050
AZ23C4V3
D6
4.0 - 4.6
95
500
-0.035
AZ23C4V7
D7
4.4 - 5.0
78
500
-0.015
AZ23C5V1
D8
4.8 - 5.4
60
480
+0.005
0.8
AZ23C5V6
D9
5.2 - 6.0
40
400
+0.020
1.0
AZ23C6V2
DA
5.8 - 6.6
10
200
+0.030
2.0
AZ23C6V8
DB
6.4 - 7.2
8.0
150
+0.045
3.0
AZ23C7V5
DC
7.0 - 7.9
7.0
50
+0.050
5.0
AZ23C8V2
DD
7.7 - 8.7
7.0
50
+0.055
6.0
AZ23C9V1
DE
8.5 - 9.6
10
50
+0.065
7.0
AZ23C10
DF
9.4 - 10.6
15
70
+0.065
7.5
AZ23C11
DG
10.4 - 11.6
20
70
+0.070
8.5
AZ23C12
DH
11.4 - 12.7
20
90
+0.075
9.0
AZ23C13
DI
12.4 - 14.1
25
110
+0.080
10.0
AZ23C15
DJ
13.8 - 15.6
30
110
+0.080
11.0
AZ23C16
DK
15.3 - 17.1
40
170
+0.090
12.0
AZ23C18
DL
16.8 - 19.1
50
170
+0.090
14.0
AZ23C20
DM
18.8 - 21.2
50
220
+0.090
15.0
AZ23C22
DN
20.8 - 23.3
55
220
+0.090
17.0
AZ23C24
DO
22.8 - 25.6
80
220
+0.090
18.0
AZ23C27
DP
25.1 - 28.9
80
250
+0.090
20.0
AZ23C30
DQ
28 - 32
80
250
+0.090
22.5
AZ23C33
DR
31 - 35
80
250
+0.090
25.0
AZ23C36
DS
34 - 38
90
250
+0.090
27.0
AZ23C39
DT
37 - 41
90
300
+0.110
29.0
AZ23C43
30
40 - 46
100
700
+0.110
32.0
AZ23C47
31
44 - 50
100
750
+0.110
35.0
AZ23C51
32
48 - 54
100
750
+0.110
38.0
Notes:
7. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - AZ23C2V7_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
AZ23C2V7 MCC-AZ23C2V7_13 Datasheet
242Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
More results

Similar Description - AZ23C2V7_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com