Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135-3801-201 Datasheet(PDF) 2 Page - Emerson Network Power

Part # 135-3801-201
Description  MMCX Straight Plug Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

135-3801-201 Datasheet(HTML) 2 Page - Emerson Network Power

  135-3801-201 Datasheet HTML 1Page - Emerson Network Power 135-3801-201 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL RATINGS
Impedance: 50 ohms
Frequency Range: Connectors ................................................0-6 GHz
Dummy loads ............................................ 0-1 GHz
VSWR: (f = GHz)
Straight
Right Angle
Cabled Connectors Cabled Connectors
.047 dia flexible ....................................1.20
1.14 + .07f
RG-178, RG-316, RG-316DS ..............1.20
1.25
.086 semi-rigid .....................................1.15
1.15
Uncabled receptacles, dummy loads ................................................ N/A
Working Voltage: Connectors .........................170 Vrms at sea level†
Dummy loads ................................................... N/A
Dielectric Withstanding Voltage: Connectors...500 Vrms at sea level†
Dummy loads ............................ N/A
Insulation Resistance: 1000 megohms min
Contact Resistance: (milliohms maximum)
After
Initial
Environmental
Center contact (straight cabled connectors
and uncabled receptacles) ......................5.0
8.0
Center contact (right angle cabled
connectors) ..............................................5.0
15.0
Outer contact (all connectors) .....................1.0
1.5
Braid to body ...............................................1.5
N/A
Corona Level: Connectors ..................... 190 volts min at 70,000 feet†
Dummy loads ......................................................... N/A
Insertion Loss: (dB max tested at 1 GHz)
Straight cabled connectors .............................................................. 0.1
Right angle cabled connectors ........................................................ 0.2
Uncabled receptacles, dummy loads ............................................. N/A
RF Leakage: (dB minimum, tested at 2.5 GHz)
Flexible cable connectors .......................................................... -60 dB
.086 semi-rigid ........................................................................... -70 dB
Dummy loads ................................................................................. N/A
RF High Potential Withstanding Voltage: (400 Vrms at 4 and 7 MHz)†
Power Rating (Dummy Load): - 0.5 watt @ +25°C, derated to 0.25
watt @ +125° C
MECHANICAL RATINGS
Engagement Design: Series MMCX
Engagement/Disengagement Force: 8 lbs. max axial engagement
1.4 lbs. min axial disengagement
Contact Retention: 2.0 lbs. minimum axial force
Cable Retention:
Axial Force*
Torque
(pounds)
(in-oz)
Connectors for .047 flexible ........................3.5
N/A
Connectors for RG-178 ...............................7.0
N/A
Connectors for RG-316 ..............................20.0
N/A
Connectors for RG-316DS .........................25.0
N/A
Connectors for .086 semi-rigid ...................30.0
16
*Or cable breaking strength whichever is less.
Durability: .............................................................. 500 cycles minimum
ENVIRONMENTAL RATINGS (Meets or exceed the applicable paragraph
of MIL-C-39012)
Operating Temperature: Connectors .........................- 65°C to + 165°C
Dummy loads .................... - 65°C to + 125°C
Thermal Shock: Connectors: MIL-STD-202, Method 107, Condition C,
except -55°C to + 155°C (N/A dummy loads)
Corrosion: MIL-STD-202, Method 101, Condition B (N/A dummy loads)
Shock: MIL-STD-202, Method 213, Condition B (N/A dummy loads)
Vibration: MIL-STD-202, Method 204, Condition D (N/A dummy loads)
Moisture Resistance: MIL-STD-202, Method 106 (N/A dummy loads)
MATERIAL SPECIFICATIONS
Bodies: Brass per QQ-B-626, gold plated* per MIL-G-45204 .00001"
min.
Contacts: Beryllium copper per QQ-C-530, gold plated* per MIL-G-
45204 .00003" min.
Interface Spring: Beryllium copper per QQ-C-530, gold plated* per
MIL-G-45204 .00003" min.
Insulators: PTFE fluorocarbon per ASTM D 1710 and ASTM D 1457
Crimp Sleeves: Copper per WW-T-799 or brass per QQ-B-626, gold
plated per MIL-G-45204 .00001" min.
Mounting Hardware: Brass per QQ-B-626 or QQ-B-613, gold plated
per MIL-G-45204 .00001" min.
*All gold plated parts include a .00005” min nickel barrier layer.
†Avoid user injury due to misapplication.
See safety advisory definitions inside front cover.
MMCX - 50 Ohm Connectors
Specifications
Mating Engagement for MMCX
Series
1. ID of contact to meet VSWR mating
characteristics and connector durabil-
ity when mated with a dia .016 +/- .001
male contact.
2. Must meet the force to engage and dis-
engage when mated with mating part.
JACK
JACK
PLUG
PLUG
Emerson Network Power Connectivity Solutions
299 Johnson Avenue SW, Waseca, MN 56093 • 800 -247- 8256 • +1 (507) 833-8822 • www.EmersonConnectivity.com


Similar Part No. - 135-3801-201

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
135-302FAG-J01 HONEYWELL-ACC-135-302FAG-J01 Datasheet
257Kb / 3P
   Glass Encapsulated Chip Thermistors
135-303KAG-J01 HONEYWELL-ACC-135-303KAG-J01 Datasheet
257Kb / 3P
   Glass Encapsulated Chip Thermistors
135-303LAG-J01 HONEYWELL-ACC-135-303LAG-J01 Datasheet
257Kb / 3P
   Glass Encapsulated Chip Thermistors
135-303LFW-J01 HONEYWELL-ACC-135-303LFW-J01 Datasheet
257Kb / 3P
   Glass Encapsulated Chip Thermistors
logo
Dialight Corporation
135-3237-003 DIALIGHT-135-3237-003 Datasheet
125Kb / 1P
   021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
More results

Similar Description - 135-3801-201

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73038 POMONA-73038 Datasheet
120Kb / 1P
   MMCX PLUG STRAIGHT EDGECARD
logo
Molex Electronics Ltd.
73415-1253 MOLEX2-73415-1253 Datasheet
76Kb / 1P
   MMCX PLUG STRAIGHT FOR RG316 CABLE MMCX-PC
73415-0972 MOLEX2-73415-0972 Datasheet
68Kb / 1P
   MMCX PLUG, STRAIGHT 50 OHMS
logo
Pomona Electronics
73024 POMONA-73024 Datasheet
146Kb / 2P
   MMCX PLUG STRAIGHT CRIMP, RG178
73023 POMONA-73023 Datasheet
148Kb / 2P
   MMCX PLUG STRAIGHT CRIMP, RG174, 316
73034 POMONA-73034 Datasheet
132Kb / 2P
   MMCX PLUG STRAIGHT SEMI-RIGID, RG402
73035 POMONA-73035 Datasheet
131Kb / 2P
   MMCX PLUG STRAIGHT SEMI-RIGID, RG405
logo
List of Unclassifed Man...
135-3701-201 ETC1-135-3701-201 Datasheet
889Kb / 2P
   MMCX Straight PC Mount Jack Receptacle
logo
Pomona Electronics
73063 POMONA-73063 Datasheet
122Kb / 1P
   MMCX Plug to MMCX Plug, RG316/U
73077 POMONA-73077 Datasheet
122Kb / 1P
   MMCX Plug to MMCX Plug, RG178B/U
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com