Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLZ12A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLZ12A
Description  Small Signal Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ12A Datasheet(HTML) 5 Page - Vishay Siliconix

  TLZ12A Datasheet HTML 1Page - Vishay Siliconix TLZ12A Datasheet HTML 2Page - Vishay Siliconix TLZ12A Datasheet HTML 3Page - Vishay Siliconix TLZ12A Datasheet HTML 4Page - Vishay Siliconix TLZ12A Datasheet HTML 5Page - Vishay Siliconix TLZ12A Datasheet HTML 6Page - Vishay Siliconix TLZ12A Datasheet HTML 7Page - Vishay Siliconix TLZ12A Datasheet HTML 8Page - Vishay Siliconix TLZ12A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 26-Jun-12
5
Document Number: 85635
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Diode Capacitance vs. Z-Voltage
Fig. 6 - Forward Current vs. Forward Voltage
Fig. 7 - Z-Current vs. Z-Voltage
Fig. 8 - Z-Current vs. Z-Voltage
Fig. 9 - Differential Z-Resistance vs. Z-Voltage
10
15
0
50
100
150
200
VZ - Z-Voltage (V)
25
95 9601
20
T
j = 25 °C
V
R = 2 V
0
5
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
95 9605
VF - Forward Voltage (V)
T
j = 25 °C
8
20
95 9604
0
20
40
60
80
100
P
tot = 500 mW
T
amb = 25 °C
04
6
12
VZ - Z-Voltage (V)
15
20
25
30
0
10
20
30
40
50
VZ - Z-Voltage (V)
35
95 9607
P
tot = 500 mW
T
amb = 25 °C
0
101520
1
10
100
1000
25
95 9606
T
j = 25 °C
I
Z = 1 mA
5 mA
10 mA
VZ - Z-Voltage (V)
5


Similar Part No. - TLZ12A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLZ12A VISHAY-TLZ12A Datasheet
119Kb / 9P
   Z-Diodes
Rev. A4, 08-JAug-02
TLZ12A VISHAY-TLZ12A Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ12A VISHAY-TLZ12A Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ12A VISHAY-TLZ12A Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ12A VISHAY-TLZ12A Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

Similar Description - TLZ12A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com